Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 170 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 170 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 210 page
background image
ST7637
Ver 1.6
170/210
2009/03
9.1.71. TMPHYS: Temp. Hysteresis Set for Frame Freq. Adj. (F3H)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Command
0
1
0
1
1
1
1
0
0
1
1
(F3h)
1
st parameter
1
1
0
-
-
-
-
TH3
TH2
TH1
TH0
Description
Temp. hysteresis range set for frame freq. adj.
Parameter TH[3:0] is used to set Temp. hysteresis range.
The relationship between temp. state and temp. range value is shown below.
TEMP Range Value
TEMP Rising State
TEMP Falling State
Freq. changing point A
TA[6:0]+TH[3:0]
TA[6:0]
Freq. changing point B
TB[6:0]+TH[3:0]
TB[6:0]
Freq. changing point C
TC[6:0]+TH[3:0]
TC[6:0]
TH Temperature(
)
℃
℃
℃
℃ – 1 = TH[3:0]
Example:
If TH wants to set 5
, TH[3:0]=5
℃
-1=4.
Restriction
Temp. hysteresis value should be smaller than the gap of temp. range.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value(TH[3:0])
Power On Sequence
04h
S/W Reset
04h
H/W Reset
04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com