Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 166 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 166 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 210 page
background image
ST7637
Ver 1.6
166/210
2009/03
9.1.69. FRM8SEL: Frame Freq. in Temperature range (idle-8 color) (F1H)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Command
0
1
0
1
1
1
1
0
0
0
1
(F1h)
1
st parameter
1
1
0
-
-
-
F8A4
F8A3
F8A2
F8A1
F8A0
Range A
2
nd parameter
1
1
0
-
-
-
F8B4
F8B3
F8B2
F8B1
F8B0
Range B
3
rd parameter
1
1
0
-
-
-
F8C4 F8C3 F8C2 F8C1 F8C0
Range C
4
th parameter
1
1
0
-
-
-
F8D4 F8D3 F8D2 F8D1 F8D0
Range D
Description
Select Frame Freq. in normal display mode.(idle;8 color mode)
1
st parameter : Frame freq. value set in TEMP range 30(-30 ) to TA
℃
2
nd parameter : Frame freq. value set in TEMP range TA to TB
3
rd parameter : Frame freq. value set in TEMP range TB to TC
4
th parameter : Frame freq. value set in TEMP range TC to 145(90 )
℃
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
FA[4:0]
FB[4:0]
FC[4:0]
FD[4:0]
Power On Sequence
06h
0Bh
0Dh
12h
S/W Reset
06h
0Bh
0Dh
12h
H/W Reset
06h
0Bh
0Dh
12h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com