Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 164 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 164 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 210 page
background image
ST7637
Ver 1.6
164/210
2009/03
9.1.68. FRMSEL: Frame Freq. in Temperature range (F0H)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Command
0
1
0
1
1
1
1
0
0
0
0
(F0H)
1
st parameter
1
1
0
-
-
-
DIVA
FA3
FA2
FA1
FA0
Range A
2
nd parameter
1
1
0
-
-
-
DIVB
FB3
FB2
FB1
FB0
Range B
3
rd parameter
1
1
0
-
-
-
DIVC
FC3
FC2
FC1
FC0
Range C
4
th parameter
1
1
0
-
-
-
DIVD
FD3
FD2
FD1
FD0
Range D
Description
Select Frame Freq. in normal display mode.
1
st parameter : Frame freq. value set in temperature range 30(-30 ) to TA
℃
2
nd parameter : Frame freq. value set in temperature P range TA to TB
3
rd parameter : Frame freq. value set in temperature range TB to TC
4
th parameter : Frame freq. value set in temperature range TC to 145(90 )
℃
For command setting to frame rate value look-up-table, please see the following table:
DIVx
Fx[3:0]
Frame Rate
(Hz)
0
75
1
76
2
77
3
80
4
84
5
88
6
92
7
97
8
102
9
108
A
115
B
123
C
133
D
144
E
155
1
F
170
0
0~F
(Frame Rate) / 2
Restriction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com