Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 162 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 162 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 210 page
background image
ST7637
Ver 1.6
162/210
2009/03
9.1.66. LVMS: Low voltage mode Setting (E7H & E8H)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Command 1
0
1
0
1
1
1
0
0
1
1
1
(E7h)
1
st parameter
1
1
0
0
0
1
0
0
0
1
0
(22h)
Command 2
0
1
0
1
1
1
0
1
0
0
0
(E8h)
1
st parameter
1
1
0
0
0
1
1
0
1
1
1
(37h)
2
nd parameter
1
1
0
0
0
0
0
0
0
1
0
(03h)
3
rd parameter
1
1
0
0
0
0
1
1
1
1
1
(1Fh)
Description
Low voltage mode setting.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
C1D1[7:0]
C2D1[7:0]
C2D2[7:0]
C2D3[7:0]
Power On Sequence
12h
36h
03h
16h
S/W Reset
12h
36h
03h
16h
H/W Reset
12h
36h
03h
16h
Flow Chart
1st command: E7H
1st parameter : 22H
2nd command : E8H
1st parameter : 37H
2nd parameter : 03H
3rd parameter : 1FH
LVMSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com