Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 172 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 172 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 210 page
background image
ST7637
Ver 1.6
172/210
2009/03
9.1.72. TEMPSEL: Temperature Gradient Compensation Coefficient Set (F4H)
Command
A0
/RD /WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
TEMPSEL
0
1
0
1
1
1
1
0
1
0
0
(F4h)
1
st parameter
1
1
0
MT13 MT12
MT11
MT10 MT03 MT02 MT01 MT00
MT1x: (-24
oC to -32 oC)
MT0x: (-32
oC to -40 oC)
2
nd parameter
1
1
0
MT33 MT32 MT31 MT30 MT23 MT22 MT21 MT20
MT3x: (-8
oC to -16 oC)
MT2x: (-16
oC to -24 oC)
3
rd parameter
1
1
0
MT53 MT52 MT51 MT50 MT43 MT42 MT41 MT40
MT5x: (8
oC to 0 oC)
MT4x: (0
oC to -8 oC)
4
th parameter
1
1
0
MT73 MT72 MT71 MT70 MT63 MT62 MT61 MT60
MT7x: (24
oC to16 oC)
MT6x: (16
oC to 8 oC)
5
th parameter
1
1
0
MT93 MT92 MT91 MT90 MT83 MT82 MT81 MT80
MT9x: (40
oC to 32 oC)
MT8x: (32
oC to 24 oC)
6
th parameter
1
1
0
MTB3 MTB2 MTB1 MTB0 MTA3 MTA2 MTA1 MTA0
MTBx: (56
oC to 48 oC)
MTAx: (48
oC to 40 oC)
7
th parameter
1
1
0
MTD3 MTD2 MTD1 MTD0 MTC3 MTC2 MTC1 MTC0
MTDx: (72
oC to 64 oC)
MTCx: (64
oC to 56 oC)
8
th parameter
1
1
0
MTF3 MTF2 MTF1 MTF0 MTE3 MTE2 MTE1 MTE0
MTFx: (87
oC to 80 oC)
MTEx: (80
oC to 72 oC)
NOTE: “-“ Don’t care
Description
This command defines temperature gradient compensation coefficient. For this command
detail description and opearation, please see Section 7.11.
Parameter n
MT n 3
MT n 2
MT n 1
MT n 0
Voltage /
oC
0
0
0
0
0
+5 mv /
oC
1
0
0
0
1
0 mv /
oC
2
0
0
1
0
-5 mv /
oC
3
0
0
1
1
-10 mv /
oC
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
12
1
1
0
0
-55 mv /
oC
13
1
1
0
1
-60 mv /
oC
14
1
1
1
0
-65 mv /
oC
15
1
1
1
1
-70 mv /
oC
Voltage /
oC (+/- 3mv tolerance)
Restriction
Pleasse refer to the specification in absolute maximum ratings for operating voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com