Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 176 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 176 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 180Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 210 page
background image
ST7637
Ver 1.6
176/210
2009/03
NOTE:
The default value of RGB level set
RGB level0
00
RGB level1
01
RGB level2
02
RGB level3
04
RGB level4
06
RGB level5
07
RGB level6
09
RGB level7
0A
RGB level8
0B
RGB level9
0C
RGB level10
0D
RGB level11
0F
RGB level12
11
RGB level13
12
RGB level14
17
RGB level15
1A
All the modulation range of each level for each frame is from 00’H to 1F’H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com