Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 175 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 175 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 210 page
background image
ST7637
Ver 1.6
175/210
2009/03
9.1.74. Frame Set: Frame PWM Set (F9H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Frame1 Set
0
1
0
1
1
1
1
1
0
0
1
(F9h)
1
st
parameter
1
1
0
-
-
-
P14
P13
P12
P11
P10
-
2
nd
parameter
1
1
0
-
-
-
P24
P23
P22
P21
P20
-
:
:
:
:
:
:
:
:
:
:
:
:
-
15
th
parameter
1
1
0
-
-
-
P154
P153
P152
P151
P150
-
16
th
parameter
1
1
0
-
-
-
P164
P163
P162
P161
P160
-
NOTE: “-“ Don’t care
Description
This command is used to set frame PWM.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
--
S/W Reset
--
H/W Reset
--
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com