Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 191 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 191 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 193Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 194Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 210 page
background image
ST7637
Ver 1.6
191/210
2009/03
12. RESET TIMING
(VDD=2.8V, Ta = 25°C )
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Reset “L” pulse width
tRW
10
—
us
—
5
(*note 5)
ms
Reset time
/RST
tRT
—
120
(*note 6,7)
ms
(VDD=1.8V, Ta = 25°C )
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Reset “L” pulse width
tRW
10
—
us
—
5
(*note 5)
ms
Reset time
/RST
tRT
—
120
(*note 6,7)
ms
Notes:
1. The reset cancel includes also required time for loading ID bytes, VCOM setting and other settings from
EEPROM (or similar device) to registers. This loading is done every time when there is HW reset cancel time
(tRT) within 5 ms after a rising edge of RST
2. Spike due to an electrostatic discharge on RST line does not cause irregular system reset according to the
table below:
RST Pulse
Action
Shorter than 5
µs
Reset Rejected
Longer than 9
µs
Reset
Between 5
µs and 9µs
Reset starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com