Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 192 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 192 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 193Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 194Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 196Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 210 page
background image
ST7637
Ver 1.6
192/210
2009/03
3. During the Resetting period, the display will be blanked (The display is entering blanking sequence, which
maximum time is 120 ms, when Reset Starts in Sleep Out –mode. The display remains the blank state in Sleep
In –mode.) and then return to Default condition for Hardware Reset.
4. Spike Rejection also applies during a valid reset pulse as shown below:
5. When Reset applied during Sleep In Mode.
6. When Reset applied during Sleep Out Mode.
7. It is necessary to wait 5msec after releasing RST before sending commands. Also Sleep Out command
cannot be sent for 120msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com