Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 199 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 199 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 196Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 197Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 198Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 199Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 200Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 201Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 203Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 210 page
background image
ST7637
Ver 1.6
199/210
2009/03
A1e – 4-line serial interlace Mode
FPC
FPC
Interface
ITO
SI
RST
/CS
EXT
(Test point)
SCL
C1
VSS
VDDA
VDDI
C3
VPP
(Test point)
C2
A0
21
22
23
24
VSS
25
VPP
26
VPP
27
VPP
28
VPP
29
DUMMY
57
DUMMY
58
CL
59
CLS
60
61
62
VDD
63
A0
64
RW_WR
65
D0
66
D1
67
D2
68
D3
69
D4
70
D5
71
D6
72
D7
73
D8
74
D9
75
D10
76
D11
77
D12
78
D13
79
D14
80
D15
81
E_RD
82
RST
83
CSEL
84
IF1
85
IF2
86
IF3
87
VSS
88
VDD
89
/CS
90
/EXT
91
TE
92
TCAP
93
VDD
94
VDD
95
VDD
96
VDD
97
VDD1
98
VDD1
99
VSS1
100
VSS1
101
VSS
108
VSS
109
102
VSS
103
VSS
110
VSS2
111
VSS2
126
VSS2
127
VSS4
VSS4
VDD3
VDD3
VREF
VDD4
VDD4
VDD5
VDD5
VDD5
VDD5
VDD5
VDD5
VDD5
VDD5
VDD2
VDD2
VDD2
VDD2
VDD2
VDD2
VDD2
VDD2
VDD2
VDD2
Vm
Vm
V0in
V0in
V0in
V0in
V0s
V0out
V0out
XV0out
XV0out
XV0s
XV0in
XV0in
XV0in
XV0in
Vgout
Vgin
Vgin
Vgin
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
172
173
174
175
176
177
178
689
COM40
688
COM42
645
COM128
644
COM130
643
SEG395
642
SEG394
249
SEG1
248
SEG0
19
20
COM 2
COM 0
DETGBI
DUMMY
DUMMY
181
182
183
179
180
VSS
DETGBO
COM 1
COM 3
VSS
247
COM131
246
COM129
203
COM43
202
COM41
VSS
VDD
VSS2
Vgout
Vgs
Vgin
Vgin
Vgin
Vgin
Vgin
171
IF[3:1]
LHH
CLS
H (internal OSC)
CSEL
H
C1
1uF/16V
C2
1uF/25V
C3
1uF/16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com