Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 201 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 201 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 197Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 198Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 199Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 200Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 201Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 203Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 204Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 205Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 210 page
background image
ST7637
Ver 1.6
201/210
2009/03
A2 – Power on flow and sequence:
Power On
Keeping the /RES Pin = "L" and
waiting for stabilizing the Power
/RES Pin="H" and wait a minute ( t
R > 120ms )
Internal
State
/RES
Power On
VDDI
(Digital)
Reset
t
RW
> 10 us
Initial LCM
VDDA
(Analog)
TrTW
Internal
State
t
RW
/RES
Power On
VDDI
(Digital)
Reset
> 10 us
Initial LCM
VDDA
(Analog)
TrTW
Initial LCM
display off
sleep out
Vop setting
booster control
function setting
write DDRAM
Display on
TrTW >=0
TrTW >=0
Normal operating
t
RW
t
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com