Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 204 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 204 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 200Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 201Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 203Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 204Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 205Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 206Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 207Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 208Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 210 page
background image
ST7637
Ver 1.6
204/210
2009/03
A5 –Software coding flow:
void Initial_LCD_Module(void)
{
//-----------disable autoread + Manual read once -------------------------------
Write(COMMAND,0xd7);
// Auto Load Set
Write(DATA,0x9f);
// Auto Load Disable
Write(COMMAND,0xE0);
// EE Read/write mode
Write(DATA,0x00);
// Set read mode
delayms(10);
// Delay 10ms
Write(COMMAND,0xE3);
// Read active
delayms(20);
// Delay 20ms
Write(COMMAND,0xE1);
// Cancel control
//---------------------------------- Sleep OUT ---------------------------------------------
Write(COMMAND, 0x28 );
// display off
Write(COMMAND, 0x11 );
// Sleep Out
delayms(50);
//Delay 50ms
//--------------------------------Vop setting------------------------------------------------
Write(COMMAND,0xC0);
//Set Vop by initial Module
Write(DATA, 0x09);
//Vop = 14.2V
Write(DATA, 0x01);
// base on Module
//----------------------------Set
Register------------------------------------------
Write(COMMAND,0xC3);
// Bias select
Write(DATA,0x03);
// 1/9 Bias, base on Module
Write(COMMAND,0xC4);
// Setting Booster times
Write(DATA,0x07);
// Booster X 8
Write(COMMAND,0xC5);
// Booster eff
Write(DATA,0x01);
// BE = 0x01 (Level 2)
Write(COMMAND,0xCB);
// Vg with booster x2 control
Write(DATA,0x01);
// Vg from Vdd2
Write(COMMAND,0xD0);
// Analog circuit setting
Write(DATA,0x1D);
//
Write(COMMAND,0x3A);
// Color mode = 65k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com