Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 424 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 424 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 420Page - Intel Corporation 82G33 Datasheet HTML 421Page - Intel Corporation 82G33 Datasheet HTML 422Page - Intel Corporation 82G33 Datasheet HTML 423Page - Intel Corporation 82G33 Datasheet HTML 424Page - Intel Corporation 82G33 Datasheet HTML 425Page - Intel Corporation 82G33 Datasheet HTML 426Page - Intel Corporation 82G33 Datasheet HTML 427Page - Intel Corporation 82G33 Datasheet HTML 428Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 437 page
background image
Package Specifications
424
Datasheet
13
Package Specifications
The (G)MCH is available in a 34 mm [1.34 in] x 34 mm [1.34 in] Flip Chip Ball Grid
Array (FC-BGA) package with 1226 solder balls. The (G)MCH package uses a “balls
anywhere” concept. Minimum ball pitch is 0.8 mm [0.031 in], but ball ordering does
not follow a 0.8 mm grid. Figure 13-1 shows the package dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com