Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 83 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 83 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 79Page - Agere Systems TMPR28051 Datasheet HTML 80Page - Agere Systems TMPR28051 Datasheet HTML 81Page - Agere Systems TMPR28051 Datasheet HTML 82Page - Agere Systems TMPR28051 Datasheet HTML 83Page - Agere Systems TMPR28051 Datasheet HTML 84Page - Agere Systems TMPR28051 Datasheet HTML 85Page - Agere Systems TMPR28051 Datasheet HTML 86Page - Agere Systems TMPR28051 Datasheet HTML 87Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
69
Lucent Technologies Inc.
Timing Characteristics (continued)
Operational Timing (continued)
The output clock specifications are shown in Table 40.
* The duty-cycle distortion added to the TSTS1CLKOUT signal is
≤2% worst case when measured from 1.5 V in to 1.5 V out with a 2 ns rise
time input.
Table 41 lists the propagation delay (tPD) specifications for the output signals. The digital system interface timing is
shown in Figure 11, page 68.
* Propagation delay skew, tPLH—tPHL, is ±200 ps.
Notes:
↑ represents a low-to-high transition.
↓ represents a high-to-low transition.
Table 40. Output Clock Specifications
Signal Name
Frequency
Test
Conditions
Rise Time
Fall Time
Unit
tR
tF
Min
Max
Min
Max
TCLK[1:28]
(DS1 Mode)
1.544 MHz ± 5%
CL = 50 pF
—
30
—
30
ns
TCLK[1:28]
(E1 Mode)
2.048 MHz ± 5%
CL = 50 pF
—
30
—
30
ns
TSTS1CLKOUT*
51.84 MHz ± 5%
CL = 15 pF
—
3
—
3
ns
19.44 MHz ± 5%
CL = 15 pF
—
3
—
3
ns
6.48 MHz ± 5%
CL = 15 pF
—
3
—
3
ns
Table 41. Output Timing Specifications
Output Name
Reference CLK
Test
Conditions
Propagation Delay *
Unit
tPD
Min
Max
Transmit Signals
TDATA[28:1]
TCLK[1:28]
↑↓
CL = 25 pF
40
190
ns
TSTS1DATA[7:0]
TSTS1CLKIN
↑
CL = 15 pF
2
12
ns
TSTS1PAR
TSTS1CLKIN
↑
CL = 15 pF
2
12
ns
TSTS1DATA7
TSTS1CLKIN
↑
CL = 15 pF
0
3.5
ns
JTAG Signal
TDO
TCK
↓
CL = 50 pF
1.5
17
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com