Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 60 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 60 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 56Page - Agere Systems TMPR28051 Datasheet HTML 57Page - Agere Systems TMPR28051 Datasheet HTML 58Page - Agere Systems TMPR28051 Datasheet HTML 59Page - Agere Systems TMPR28051 Datasheet HTML 60Page - Agere Systems TMPR28051 Datasheet HTML 61Page - Agere Systems TMPR28051 Datasheet HTML 62Page - Agere Systems TMPR28051 Datasheet HTML 63Page - Agere Systems TMPR28051 Datasheet HTML 64Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
46
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Table 15. Registers 0x00—0x16: Device-Level Control, Alarm, and Mask Bits (continued)
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x13
7—4
—
Reserved.
0x00
3
S1INS-3
The S1INS-[3:0] bits in register 0x13 are used to set the
four least significant bits of the S1 path overhead byte.
2S1INS-2
1S1INS-1
0S1INS-0
0x14
The bits in register 0x14 are for the S1 path overhead byte.
0x30
7
S1#DET-3
The S1#DET-[3:0] bits are used to set the number of con-
secutive, consistent values required by the receive S1 byte
before updating the value. Valid values for these registers
range from 3 to 15. Any value less than 3 defaults to 2
inside the device.
6S1#DET-2
5S1#DET-1
4S1#DET-0
3
S1-3
The S1-[3:0] bits are used to report the four least significant
bits of the S1 path overhead byte.
2S1-2
1S1-1
0S1-0
0x15
7—0
DEVID-[7:0]
DEVID-[7:0] bits in register 0x15 are used to report the
device ID.
0x51
0x16
—
—
The DEVVER-[3:0] bits in register 0x16 are used to report
the device version. Anytime there are silicon changes that
modify the operation of this device, this register will be
incremented by 1.
Notes:
The reset default value is the device version.
Bits 7—4 are reserved.
—
7—4
—
3
DEVVER-3
2
DEVVER-2
1
DEVVER-1
0
DEVVER-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com