Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 72 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 72 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 68Page - Agere Systems TMPR28051 Datasheet HTML 69Page - Agere Systems TMPR28051 Datasheet HTML 70Page - Agere Systems TMPR28051 Datasheet HTML 71Page - Agere Systems TMPR28051 Datasheet HTML 72Page - Agere Systems TMPR28051 Datasheet HTML 73Page - Agere Systems TMPR28051 Datasheet HTML 74Page - Agere Systems TMPR28051 Datasheet HTML 75Page - Agere Systems TMPR28051 Datasheet HTML 76Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
58
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Detected REI Errors (0xC0—0xFD)
Table 29. Registers 0xC0—0xFD: Detected REI Errors
Note: Bits in registers 0xC0—0xFF can have one of four configurations, depending upon the setting of register
0xBF. When register 0xBF is set for BIP_CNTS = 0 and REI_CNTS = 1, the bytes in registers 0xC0—0xFD
are used to count the number of REI errors detected by the device.
* These registers are not contiguous, i.e., every other register in this group is shown (0xC6, 0xC8, 0xCA, . . . 0xFC) per the register map, page
31 and page 32.
† These registers are not contiguous, i.e., every other register in this group is shown (0xC7, 0xC9, 0xCB, . . . 0xFD) per the register map, page
31 and page 32.
Table 30. Registers 0xFE—0xFF: Reserved
When register 0xBF is set for BIP_CNTS = 0 and REI_CNTS = 1, the bytes in registers 0xFE—0xFF are reserved.
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0xC0
7—0
—
Reserved. These bits are set to 0.
Value is
0.
0xC1
7—0
0xC2
7—0
B2REI-[15:8]
Registers 0xC2—0xC5. The registers, 0xC2—0xC5, are
the REI errors detected by B2 and B3 (see the STS-1/AU-3
Terminate section, page 16 and page 17).
0xC3
7—0
B2REI-[7:0]
0xC4
7—0
B3REI-[15:8]
0xC5
7—0
B3REI-[7:0]
0xC6—
0xFC*
7VT[1:28]PTR–3
Registers 0xC6—0xFD. The remaining registers in the
block indicate the errors seen by the REI error detectors in
the individual VT1.5 slots. Since the VT REI errors only
require 11 bits, the VT pointer decrement counts are also
presented in these registers. The values in all of these
counters is latched by the LATCH_CNT bit
(bit 3) in register 0x00. (See the STS-1/AU-3 Terminate
section, page 16 and page 17.)
Note: In registers 0xC6—0xFC, bit 3 is reserved.
6VT[1:28]PTR–2
5VT[1:28]PTR–1
4VT[1:28]PTR–0
3—
2VTREI10_[1:28]
1VTREI9_[1:28]
0VTREI8_[1:28]
0xC7—
0xFD†
7VTREI7_[1:28]
6VTREI6_[1:28]
5VTREI5_[1:28]
4VTREI4_[1:28]
3VTREI3_[1:28]
2VTREI2_[1:28]
1VTREI1_[1:28]
0VTREI0_[1:28]
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0xFE
7—0
—
Reserved. These bits are set to 0.
0x00
0xFF
7—0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com