Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 37 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 37 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 33Page - Agere Systems TMPR28051 Datasheet HTML 34Page - Agere Systems TMPR28051 Datasheet HTML 35Page - Agere Systems TMPR28051 Datasheet HTML 36Page - Agere Systems TMPR28051 Datasheet HTML 37Page - Agere Systems TMPR28051 Datasheet HTML 38Page - Agere Systems TMPR28051 Datasheet HTML 39Page - Agere Systems TMPR28051 Datasheet HTML 40Page - Agere Systems TMPR28051 Datasheet HTML 41Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
23
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Map
The register bank architecture of the microprocessor interface is shown in Table 14. All addresses referred to in
this section are given in hexadecimal and binary notation, where hexadecimal is the left column and binary is the
right column under Address.
Note: Bits in registers 0xC0—0xFF can have one of four configurations, depending upon the setting of register
0xBF (see the Register Architecture Description section, page 57—page 59).
Table 14. Device Register Map
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Control, Alarm, and Mask Bit Registers
00 00000000
TEST_CNT
B1ERRINS
B2ERRINS
B3ERRINS
LATCH_CNT
BLUECLKSEL
BIPBLKCNT
0
01 00000001
REI_EN
AUTO_LRDI
TXPAISINS
DJACTL
0
STS1SCR
STS1DSCR
STS1LB
02 00000010
RXSERIAL
TXSERIAL
RXPARITY
TXPARITY
RXSTS1EDGE TXSTS1EDGE RXDS1EDGE
TXDS1EDGE
03 00000011
TRACEER
RXPARER
0
H4LOMF
STS1PAIS
STS1LOP
STS1LOF
STS1OOF
04 00000100 TRACEERMSK RXPARERMSK
0
H4LOMFMSK STS1PAISMSK STS1LOPMSK STS1LOFMSK STS1OOFMSK
05 00000101
ESOFCOM
VTSIZECOM
VTLOPCOM VTRFIRDICOM
VTAISCOM
VTLABCOM
AISLOCCOM
STS1LOS
06 00000110
ESOFMSK
VTSIZEMSK
VTLOPMSK
VTRFIRDIMSK
VTAISMSK
VTLABMSK
AISLOCMSK STS1LOSMSK
07 00000111
0
0
0
0000
DS1_E1N
08 00001000
LATCH_TP
RCV_FRAME
RCV_PAT-1
RCV_PAT-0
ERROR_INS
XMT_FRAME
XMT_PAT-1
XMT_PAT-0
09 00001001 TP_DS1E1N
TP_INVERT
TPDROPSIDE
TPDROP-4
TPDROP-3
TPDROP-2
TPDROP-1
TPDROP-0
0A 00001010
TPOOS
TPERR-6
TPERR-5
TPERR-4
TPERR-3
TPERR-2
TPERR-1
TPERR-0
0B 00001011
F2-7
F2-6
F2-5
F2-4
F2-3
F2-2
F2-1
F2-0
0C 00001100
C2-7
C2-6
C2-5
C2-4
C2-3
C2-2
C2-1
C2-0
0D 00001101
G1-5
G1-6
G1-7
G1-8
0
K2-6
K2-7
K2-8
0E 00001110
C2#DET-3
C2#DET-2
C2#DET-1
C2#DET-0
F2#DET-3
F2#DET-2
F2#DET-1
F2#DET-0
0F 00001111
G1#DET-3
G1#DET-2
G1#DET-1
G1#DET-0
K2#DET-3
K2#DET-2
K2#DET-1
K2#DET-0
10 00010000
F2INS-7
F2INS-6
F2INS-5
F2INS-4
F2INS-3
F2INS-2
F2INS-1
F2INS-0
11 00010001
G1INS-5
G1INS-6
G1INS-7
G1INS-8
0
K2INS-6
K2INS-7
K2INS-8
12 00010010
0
0
RBUSMODE
RBUSPOS-1
RBUSPOS-0
TBUSMODE
TBUSPOS-1
TBUSPOS-0
13 00010011
0
0
0
0
S1INS-3
S1INS-2
S1INS-1
S1INS-0
14 00010100
S1#DET-3
S1#DET-2
S1#DET-1
S1#DET-0
S1-3
S1-2
S1-1
S1-0
15 00010101
DEVID-7
DEVID-6
DEVID-5
DEVID-4
DEVID-3
DEVID-2
DEVID-1
DEVID-0
16 00010110
0
0
0
0
DEVVER-3
DEVVER-2
DEVVER-1
DEVVER-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com