Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 65 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 65 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 61Page - Agere Systems TMPR28051 Datasheet HTML 62Page - Agere Systems TMPR28051 Datasheet HTML 63Page - Agere Systems TMPR28051 Datasheet HTML 64Page - Agere Systems TMPR28051 Datasheet HTML 65Page - Agere Systems TMPR28051 Datasheet HTML 66Page - Agere Systems TMPR28051 Datasheet HTML 67Page - Agere Systems TMPR28051 Datasheet HTML 68Page - Agere Systems TMPR28051 Datasheet HTML 69Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
51
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Tx VT Overhead Insertion Control (0x4F—0x6A)
Table 21. Registers 0x4F—0x6A: Tx VT Overhead Insertion Control
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x4F—0x6A
—
—
The bits in these registers provision the transmitted VT
overhead byte, V5.
Value is
0.
7
BIP2ERINS[1:28]
Each BIP2ERINS[1:28] bit = 1 forces the selected VT to
transmit inverted BIP-2 bits which causes the down-
stream receiver to declare continuous BIP-2 errors.
6
VTRFIRDIEN[1:28] The VTRFIRDIEN[1:28] bits control whether
RDI-V bits are inserted automatically by the device
(VTRFIRDIEN[1:28] = 1) or manually by the
microprocessor (VTRFIRDIEN[1:28] = 0).
5
VTRFIINS[1:28]
The VTRFIINS[1:28] bits directly program the transmitted
RFI-V bits when the corresponding VTRFIRDIEN[1:28]
bits = 1.
4
VTRDIINS[1:28]
The VTRDIINS[1:28] bits directly program the transmitted
RDI-V bits when the corresponding VTRFIRDIEN[1:28]
bits = 1.
3VTAISINS[1:28]
Each VTAISINS[1:28] bit = 1 forces AIS-V to be written
into the corresponding VT slot. This consists of writing all
1s into the selected VT slot.
2VTLABINS2_[1:28] The VTLABINS[2:0]_[1:28] bits directly program the
transmitted VT label bits. These bits are used to carry
unequipped information (VTLABINS[2:0]_[1:28] = 000) as
well as specific payload mappings and AIS-V.
1VTLABINS1_[1:28]
0VTLABINS0_[1:28]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com