Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 28 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 28 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 24Page - Agere Systems TMPR28051 Datasheet HTML 25Page - Agere Systems TMPR28051 Datasheet HTML 26Page - Agere Systems TMPR28051 Datasheet HTML 27Page - Agere Systems TMPR28051 Datasheet HTML 28Page - Agere Systems TMPR28051 Datasheet HTML 29Page - Agere Systems TMPR28051 Datasheet HTML 30Page - Agere Systems TMPR28051 Datasheet HTML 31Page - Agere Systems TMPR28051 Datasheet HTML 32Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
14
Lucent Technologies Inc.
DS1/E1 to STS-1 Block Descriptions
(continued)
STS-1/AU-3 Generate (continued)
Path remote error indicator (REI-P) reports the number
of remote errors. The four REI-P bits contain the num-
ber of B3 BIP-8 errors detected in the current frame
when REI_EN = 1 (bit 7 of register 0x01). Valid values
for these 4 bits are 0000—1000. The path remote
defect indicator (RDI-P) bits report back such condi-
tions as receive AIS-P, signal failure, and path trace
mismatch. These bits, 5 through 8 of the G1 byte
(G1INS-[5:8] in register 0x11), are user programmable
by the microprocessor and are not inserted automati-
cally by the device.
The H4 byte is inserted using the reduced H4 coding
sequence format, where the 6 most significant bits are
ones, and the 2 least significant bits take on the follow-
ing values: 00-01-10-11-00, etc. The value of 00 indi-
cates that the next STS-1 SPE contains the V1
overhead byte.
The STS-1 can be provisioned to send AIS-P
(TXPAISINS = 1 in bit 5 of register 0x01). Writing AIS-P
consists of writing all 1s into the H1—H3 bytes and the
entire SPE.
The transmitted STS-1 can be configured to scramble
the output data (STS1SCR = 1 in bit 2 of register 0x01)
or transmit the data without scrambling (STS1SCR = 0
in bit 2, register 0x01). It is useful to turn off SONET
scrambling if the data is going to be immediately multi-
plexed into a higher rate SONET signal. When
STS1SCR = 1 in register 0x01, the device scrambles
the outgoing STS-1 frame according to the SONET
frame synchronous scrambling sequence 1 + x6 + x7.
The sequence is reset to 1111111 at the beginning of
the byte following the C1 byte and scrambles all of the
STS-1 data except the A1, A2, and C1 bytes. When
this bit is 0, then the transmit data is not scrambled by
the device.
SPE Insertion Logic
In addition to the one column of path overhead and 84
columns of VT payload, the STS-1 SPE also contains
two columns of fixed stuff bytes. The path overhead is
located in column #1, while column #30 and column
#59 contain the fixed stuff bytes. The remaining col-
umns contain the interleaved VT data as shown in
Table 8.
The SPE insertion logic block acts in conjunction with
the STS-1 frame generate block to place the VT infor-
mation in the transmitted data stream.
The cross-referencing between the VT1.5 # listed in
Table 8 and the standard format (VT Group #, VT #)
listed in GR-253-CORE section 3.2.4 is shown in
Table 9.
The cross-referencing between the VT2 # listed in
Table 10 and the standard format (VT Group #, VT #)
listed in GR-253-CORE section 3.2.4 is shown in
Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com