Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 56 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 56 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 52Page - Agere Systems TMPR28051 Datasheet HTML 53Page - Agere Systems TMPR28051 Datasheet HTML 54Page - Agere Systems TMPR28051 Datasheet HTML 55Page - Agere Systems TMPR28051 Datasheet HTML 56Page - Agere Systems TMPR28051 Datasheet HTML 57Page - Agere Systems TMPR28051 Datasheet HTML 58Page - Agere Systems TMPR28051 Datasheet HTML 59Page - Agere Systems TMPR28051 Datasheet HTML 60Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
42
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Table 15. Registers 0x00—0x16: Device-Level Control, Alarm, and Mask Bits (continued)
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x06
7
ESOFMSK
The bits in register 0x06 are used to mask the contributions
of the bits in register 0x05 to the microprocessor interrupt
output, INT. When any of these bits is 1, the corresponding
bit in register 0x05 is masked from contributing to the out-
put interrupt. The reset default for this register masks all of
the bits in register 0x05.
0xFF
6
VTSIZEMSK
5VTLOPMSK
4
VTRFIRDIMSK
3VTAISMSK
2VTLABMSK
1AISLOCMSK
0
STS1LOSMSK
0x07
This register reports the hardware selected device mode.
0x01
7—1
—
Reserved. These bits are set to 0 at reset.
0
DS1_E1N
This bit reports the DS1_E1N value from the device input
pin.
0x08
The bits in register 0x08 are used to configure the test pat-
tern generator and detector.
0x00
7
LATCH_TP
A 0 to 1 transition on LATCH_TP causes the running error
count to be latched and presented to the microprocessor.
6
RCV_FRAME
RCV_FRAME = 1 causes a framed test pattern to be
expected; a 0 causes an unframed test pattern to be
expected.
5
RCV_PAT-1
RCV_PAT[1:0] determines the receive test pattern
sequence where 00 = QRSS, 01 = 223 – 1,
10 = 2
20 – 1, 11 = 215 – 1.
4
RCV_PAT-0
3
ERROR_INS
ERROR_INS causes a single error to be inserted in the
data (not frame) bits after a 0 to 1 transition.
2
XMT_FRAME
XMT_FRAME = 1 causes a framed test pattern to be gen-
erated; a 0 causes an unframed test pattern to be gener-
ated.
1
XMT_PAT-1
XMTPAT-[1:0] determines the transmit test pattern
sequence where 00 = QRSS, 01 = 223 – 1,
10 = 220 – 1, 11 = 215 – 1.
0
XMT_PAT-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com