Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 24 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 24 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 20Page - Agere Systems TMPR28051 Datasheet HTML 21Page - Agere Systems TMPR28051 Datasheet HTML 22Page - Agere Systems TMPR28051 Datasheet HTML 23Page - Agere Systems TMPR28051 Datasheet HTML 24Page - Agere Systems TMPR28051 Datasheet HTML 25Page - Agere Systems TMPR28051 Datasheet HTML 26Page - Agere Systems TMPR28051 Datasheet HTML 27Page - Agere Systems TMPR28051 Datasheet HTML 28Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
10
Lucent Technologies Inc.
Nomenclature Assumptions
The mapping methods (VT1.5, VT2, and VT Group in
ANSI nomenclature; TU-11, TU-12, and TUG-2 in ITU
nomenclature) are analogous, and for the rest of this
document will be referred to as VT1.5, VT2, or VT
Group. STS-1 and AU-3 are also analogous with a few
minor differences.
For the remainder of this document, the 51.84 Mbits/s
signals are referred to as STS-1.
DS1/E1 to STS-1 Block Descriptions
In the descriptions of the block diagram of Figure 1,
some of the control bits exist for each of the DS1/E1 or
VT signals.
Upon start-up, the device will set all of the input data
types (DS1 or E1) based on the level of the DS1_E1N
pin (pin 102). DS1_E1N controls the value transmitted
in the unused overhead bytes and the value of the
transmitted spare bits (SS) in the H1 byte. If this pin is
high, then all of the VT Groups are populated with DS1
signals. If this pin is low, then all of the VT Groups are
populated with E1 signals.
This default selection can be overridden by setting
TOVERRIDE and ROVERRIDE bits in registers 0x88
(bit 0) and 0x89 (bit 0), respectively. The seven VT
Groups can then be individually programmed to carry
either DS1 (TVTG-1 . . . 7 = 1, RVTG-1 . . . 7 = 1) or E1
(TVTG-1 . . . 7 = 0, RVTG-1 . . . 7 = 0) signals.
LOC and AIS Monitor
The incoming DS1/E1 signal is first checked for loss of
clock (LOC). LOC is reported to the microprocessor via
the DS1/E1LOC[1:21] and DS1LOC[22:28] bit
(LOC = 1, 0 otherwise) in registers 0x17—0x32 (bit 6)
and also via the AISLOCCOM composite bit in register
0x05 (bit 1). If LOC is present, the device inserts DS1/
E1 AIS towards the STS-1 using the blue signal clock.
The incoming DS1/E1 data (RDATA[28:1]) is
retimed immediately by the associated DS1/E1 clock
(RCLK[28:1]). The edge of the clock that is used to
retime the data is user-provisionable at the device level
to either the rising edge (RXDS1EDGE = 1) in register
0x02 (bit 1) or falling edge (RXDS1EDGE = 0) in regis-
ter 0x02 (bit 1).
After being retimed, the incoming data stream is
checked for AIS. The device will declare AIS if the input
data is at logic 1 for 3 ms. The device will withstand up
to eight errors in the 3 ms period. AIS is reported to the
microprocessor via the AISLOCCOM composite bit in
register 0x05 (bit 1) and the individual
DS1/E1AIS[1:21] and DS1AIS[22:28] bits in registers
0x17—0x32 (bit 7).
The blue signal clock input signal to the device can be
at the exact DS1/E1 rate (1.544/2.048 MHz) or at 16
times the DS1/E1 rate (24.704/32.768 MHz), with a tol-
erance of 32 ppm or 50 ppm for DS1 or E1, respec-
tively. This allows users of the Lucent Technologies
T7698FL3/T7693 devices to reuse the XCLK on the
board. The TMPR28051 is provisioned to accept the
exact DS1 rate by default (BLUECLKSEL = 0 in bit 2 of
register 0x00), but can be changed to perform the
divide-by-16 function (BLUECLKSEL = 1 in bit 2 of reg-
ister 0x00). The duty cycle of the clock can be 45%/
55% because the data is retimed internally in the
device. The duty cycle requires a much tighter toler-
ance when used for XCLK as described earlier.
DS1/E1 Loopback Select Logic
The first stage after retiming the signal into the device
is selection of the externally received DS1/E1
(DS1/E1LB[1:21] or DS1LB[22:28] = 0) or the looped
back DS1/E1 (DS1/E1LB[1:21] or DS1LB[22:28] = 1).
This selection is provisionable per DS1/E1 input in reg-
isters 0x17—0x32 (bit 5).
Input Select Logic
Once the DS1/E1 data sources have been selected,
the DS1/E1 for each VT tributary is selected. This
selection requires 5 bits per slot to determine
which DS1/E1 input to use by provisioning
DS1/E1INS[4:0]_[1:21] or DS1INS[4:0]_[22:28] bits in
registers 0x17—0x32 (bits 4 through 0). The range
[1:28] following the _ refers to the target VT #. Refer to
Table 8 on page 15 and Table 10 on page 15 for details
on the VT locations within the SPE.
The numbering scheme for the five provisioned bits
ranges from 00001 to 11100 where the binary value of
the 5 bits corresponds to the DS1/E1 input. For
instance, the value 00001 corresponds to selecting
DS1/E1 #1.
The unused value of 00000 results in VT unequipped
being transmitted. This is the default value for all the
VT slots at powerup. VT unequipped has a valid
pointer and all-zero payload.
The unused values of 11101—11110 will cause AIS-V
to be inserted for that VT slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com