Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 73 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 73 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 69Page - Agere Systems TMPR28051 Datasheet HTML 70Page - Agere Systems TMPR28051 Datasheet HTML 71Page - Agere Systems TMPR28051 Datasheet HTML 72Page - Agere Systems TMPR28051 Datasheet HTML 73Page - Agere Systems TMPR28051 Datasheet HTML 74Page - Agere Systems TMPR28051 Datasheet HTML 75Page - Agere Systems TMPR28051 Datasheet HTML 76Page - Agere Systems TMPR28051 Datasheet HTML 77Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
59
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Receive J1 Path Trace Bytes (0xC0—0xFF)
Table 31. Registers 0xC0—0xFF: Receive J1 Path Trace Bytes
Note: Bits in registers 0xC0—0xFF can have one of four configurations, depending upon the setting of register
0xBF. When register 0xBF is set for BIP_CNTS = 0 and REI_CNTS = 0 and RJ1BYTE = 1, the bytes in reg-
isters 0xC0—0xFF are used to read the received 64 path trace bytes.
Transmit J1 Path Trace Bytes (0xC0—0xFF)
Table 32. Registers 0xC0—0xFF: Transmit J1 Path Trace Bytes
Note: Bits in registers 0xC0—0xFF can have one of four configurations, depending upon the setting of register
0xBF. When register 0xBF is set for BIP_CNTS = 0 and RJ1BYTE = 1 and TJ1BYTE = 1, the bytes in regis-
ters 0xC0—0xFF are used to provision the transmit 64 path trace bytes.
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0xC0—0xFF
7
RJ1BYTE7_[64:1]
The receive J1 path trace byte RJ1BYTE[7:0]_64 corre-
sponds to the first byte in the 64-byte sequence, while the
J1 path trace byte RJ1BYTE[7:0]_1 corresponds to the
last byte in the 64-byte sequence. These specified
receive J1 byte values are continuously written, modulo
64, into the 0xC0—0xFF registers. If any received byte
does not match the previously received byte for its loca-
tion, then TRACEER bit (bit 7) in register 0x03 is set to 1.
Value is
0.
6RJ1BYTE6_[64:1]
5RJ1BYTE5_[64:1]
4RJ1BYTE4_[64:1]
3RJ1BYTE3_[64:1]
2RJ1BYTE2_[64:1]
1RJ1BYTE1_[64:1]
0RJ1BYTE0_[64:1]
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0xC0—0xFF
7
TJ1BYTE7_[64:1]
The transmit J1 path trace byte TJ1BYTE[7:0]_64 corre-
sponds to the first byte in the 64-byte sequence, while the
J1 path trace byte TJ1BYTE[7:0]_1 corresponds to the
last byte in the 64-byte sequence. These registers can be
written by the microprocessor.
Value is
0.
6TJ1BYTE6_[64:1]
5TJ1BYTE5_[64:1]
4TJ1BYTE4_[64:1]
3TJ1BYTE3_[64:1]
2TJ1BYTE2_[64:1]
1TJ1BYTE1_[64:1]
0TJ1BYTE0_[64:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com