Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 15 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 15 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 11Page - Agere Systems TMPR28051 Datasheet HTML 12Page - Agere Systems TMPR28051 Datasheet HTML 13Page - Agere Systems TMPR28051 Datasheet HTML 14Page - Agere Systems TMPR28051 Datasheet HTML 15Page - Agere Systems TMPR28051 Datasheet HTML 16Page - Agere Systems TMPR28051 Datasheet HTML 17Page - Agere Systems TMPR28051 Datasheet HTML 18Page - Agere Systems TMPR28051 Datasheet HTML 19Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
Features
s
Maps signals in one of the following ways:
— Maps up to 28 asynchronous DS1 signals to
SONET STS-1 via VT Groups, or SDH AU-3 via
TUG-2.
— Maps up to 21 asynchronous E1 signals to SDH
AU-3 via TUG-2, or SONET STS-1 via VT
Groups.
— Maps any valid combination of DS1/E1 signals
at the VT Group/TUG-2 level.
s
PLL-free receive operation using built-in digital jit-
ter attenuators.
s
High-speed microprocessor interface configurable
to operate with most commercial microprocessors.
s
Inserts valid B1, B2, and B3 bit interleaved parity
(BIP) in the transmit direction.
s
Detects and counts B1, B2, and B3 BIP-8 errors on
either a bit or block basis for performance monitor-
ing in the receive direction.
s
Detects and counts V5 BIP-2 errors on either a bit
or block basis for performance monitoring.
s
Configurable continuous B1, B2, B3, and V5 BIP-2
error insertion.
s
Configurable remote error indication (REI) inser-
tion for B2, B3, and V5 BIP-2 errors.
s
Detects and counts remote errors.
s
Built-in test pattern insertion and drop for setup
and maintenance.
s
Configurable VT1.5/TU-11 slot selection for DS1
insertion and drop.
s
Configurable VT2/TU-12 slot selection for E1
insertion and drop.
s
Detects STS-1 path loss of pointer (LOP-P), loss of
H4 multiframe (H4LOMF), path alarm indication
signal (AIS-P), and path remote defect indication
(RDI-P).
s
Automatic receive monitor functions include VT/TU
remote defect indication (RDI-V), VT/TU remote
error indication (REI-V), BIP-2 errors, VT/TU AIS
(AIS-V), and VT/TU loss of pointer (LOP-V).
s
Automatic receive monitoring functions can be
configured to provide an interrupt to the control
system, or the device can be operated in a polled
mode.
s
User configurable for VT/TU label, AIS-V, RDI-V,
REI-V, force BIP-2 errors, or unequipped tributary
insertion.
s
Typical 3.3 V operation with 5 V TTL tolerant I/O
and boundary scan.
s
–40 °C to +85 °C temperature range.
s
208-pin shrink quad flat pack (SQFP) package.
s
Provides alarm and control features to easily
implement the latest release of the following stan-
dards:
GR253-CORE (12/97 with the exception of
GR-253 section 6.2.1.1.8.C), G.707 (3/96),
G.783 (1/94), G.823.393, T1.105-1995,
T1.105.02-1995, T1.105.03-1994,
T1.105.03A-1995, T1.105.07-1996,
T1.105.09-1996, ETS300.147 (1/95),
ETS300.417-1-1 (1/96).
Applications
s
SONET/SDH path termination multiplexers
s
SONET/SDH add/drop multiplexers
s
SONET/SDH cross connects
s
Digital access cross connects
s
DS1/E1 broadcast
s
SONET/SDH test equipment
Description
The Lucent Technologies Microelectronics Group
TMPR28051 device is designed to map any valid
combination of DS1 and E1 signals into a stream at a
rate of 51.84 Mbits/s. This device provides all of the
functions necessary to insert and drop any valid com-
bination up to 28 asynchronous DS1 signals or 21
asynchronous E1 signals into an SPE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com