Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 52 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 52 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 48Page - Agere Systems TMPR28051 Datasheet HTML 49Page - Agere Systems TMPR28051 Datasheet HTML 50Page - Agere Systems TMPR28051 Datasheet HTML 51Page - Agere Systems TMPR28051 Datasheet HTML 52Page - Agere Systems TMPR28051 Datasheet HTML 53Page - Agere Systems TMPR28051 Datasheet HTML 54Page - Agere Systems TMPR28051 Datasheet HTML 55Page - Agere Systems TMPR28051 Datasheet HTML 56Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
38
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Table 15. Registers 0x00—0x16: Device-Level Control, Alarm, and Mask Bits (continued)
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x01
—
—
The bits in register 0x01 are used to provision device-level
control bits. The functions of these bits are described
below.
0x00
7
REI_EN
REI_Enable. When REI_EN = 1, the device will automati-
cally insert the appropriate REI into the transmitted Z2, G1,
V5 overhead bytes whenever it receives BIP errors. If
REI_EN = 0, then the automatic insertion of REI is dis-
abled.
6
AUTO_LRDI
When AUTO_LRDI = 1, the device will automatically insert
line RDI.
5
TXPAISINS
When TXPAISINS = 1, the device will write all 1s into the
pointer bytes (H1—H3) and all of the synchronous payload
envelope (SPE).
4
DJACTL
The DJACTL is used to enable the use of the built-in digital
jitter attenuators. When DJACTL = 0, the gapped DS1/E1
clock and data are transmitted by the device; otherwise,
the smoothed clock and data are transmitted.
3—
Reserved.
2
STS1SCR
STS-1_Scramble. When STS1SCR = 1, the device scram-
bles the outgoing STS-1 frame according to the SONET
frame synchronous scrambling sequence 1 + x6 + x7. The
sequence is reset to 1111111 at the beginning of the byte
following the C1 byte and scrambles all of the STS-1 data
except the A1, A2, and C1 bytes. When this bit is 0, then
the transmit data is not scrambled.
1
STS1DSCR
STS-1_Descramble. When STS1DSCR = 1, the device
descrambles the incoming STS-1 frame according to the
SONET frame synchronous descrambling sequence
1 + x6 + x7. The sequence is reset to 1111111 at the begin-
ning of the byte following the C1 byte and descrambles all
of the STS-1 data except the A1, A2, and C1 bytes. When
this bit is 0, then the received data is not descrambled.
0
STS1LB
STS-1_Loopback. When STS1LB = 1, the transmitted data
is looped back to the receive side. When this bit is 0, the
device uses the received data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com