Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 57 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 57 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 53Page - Agere Systems TMPR28051 Datasheet HTML 54Page - Agere Systems TMPR28051 Datasheet HTML 55Page - Agere Systems TMPR28051 Datasheet HTML 56Page - Agere Systems TMPR28051 Datasheet HTML 57Page - Agere Systems TMPR28051 Datasheet HTML 58Page - Agere Systems TMPR28051 Datasheet HTML 59Page - Agere Systems TMPR28051 Datasheet HTML 60Page - Agere Systems TMPR28051 Datasheet HTML 61Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
43
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Table 15. Registers 0x00—0x16: Device-Level Control, Alarm, and Mask Bits (continued)
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x09
—
—
The bits in register 0x09 are used to set up the test pattern.
0x00
7
TP_DS1E1N
TP_DS1E1N = 1 sets the frame sequence to DS1;
TP_DS1E1N = 0 sets the frame sequence to E1.
6
TP_INVERT
TP_INVERT = 1 forces the test pattern sequence to be
inverted.
5
TPDROPSIDE
When TPDROPSIDE = 1, the test pattern is dropped from
the SPE drop logic. The DS1/E1 output that is dropped is
described in the Microprocessor Interface Description (con-
tinued) section on page 50. When TPDROPSIDE = 0, the
DS1/E1 that is dropped is the same as described in the
DS1/E1 Insertion Selection section on page47.
4
TPDROP-4
The TPDROP[4:0] bits are used to select the VT that needs
to be dropped.
3TPDROP-3
2TPDROP-2
1TPDROP-1
0TPDROP-0
0x0A
—
—
The bits in register 0x0A indicate the condition of the test
pattern detector.
0x80
7
TPOOS
If the test pattern detector has been able to synchronize on
the dropped signal, then TPOOS = 0.
6
TPERR-6
When TPOOS = 0, then the TPERR-[6:0] bits are used to
keep count of the number of bit errors the test pattern
detector has seen. This error count is cleared when the
register is read by the microprocessor.
5TPERR-5
4TPERR-4
3TPERR-3
2TPERR-2
1TPERR-1
0TPERR-0
0x0B
7—0
F2-[7:0]
The F2-[7:0] bits in register 0x0B are used to report the F2
receive byte in the path overhead.
0x00
0x0C
7—0
C2-[7:0]
The C2-[7:0] bits in register 0x0C are used to report the
received C2 label byte in the path overhead. The default
value for this register indicates path unequipped.
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com