Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 62 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 62 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 58Page - Agere Systems TMPR28051 Datasheet HTML 59Page - Agere Systems TMPR28051 Datasheet HTML 60Page - Agere Systems TMPR28051 Datasheet HTML 61Page - Agere Systems TMPR28051 Datasheet HTML 62Page - Agere Systems TMPR28051 Datasheet HTML 63Page - Agere Systems TMPR28051 Datasheet HTML 64Page - Agere Systems TMPR28051 Datasheet HTML 65Page - Agere Systems TMPR28051 Datasheet HTML 66Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
48
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Table 16. Registers 0x17—0x32: DS1/E1 Insertion Selection (continued)
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x2C—0x32
—
—
Registers 0x17—0x32 report DS1 conditions.
Value is
0.
7
DS1AIS[22:28]
The DS1/E1AIS[1:21] and DS1AIS[22:28] bits report the
received DS1 AIS condition. When any of these bits is 1,
the corresponding DS1 input has an AIS condition. This
value represents the current received state. The AIS condi-
tion is not latched by these bits. The indication is reset
when the condition is no longer true.
6
DS1LOC[22:28]
The DS1/E1LOC[1:21] and DS1LOC[22:28] bits in bit 6
report the received DS1 loss of clock condition. When any
of these bits is 1, the corresponding DS1 input has a
received loss of clock condition. This value represents the
current received state. The loss of clock condition is not
latched by these bits. The indication is reset when the con-
dition is no longer true.
5
DS1LB[22:28]
The DS1/E1LB[1:21] and DS1LB[22:28] bits in bit 5 are
used to force DS1 loopback from output to input. When any
of these bits is 1, the corresponding DS1 input is overwrit-
ten by the outgoing DS1 signal for that location.
4
DS1INS4_[22:28] The DS1/E1INS[4:0]_[1:21] and DS1INS[4:0]_[22:28] bits
in registers 0x17—0x32 are used to select the DS1 input
for the transmit VT1.5 slots. The DS1 selected corresponds
to the decimal value of the programmed 5 bits. If these bits
contain 00000, the device will insert unequipped into the
corresponding VT1.5 slot. If these bits contain 11101—
11110, the device will insert AIS-V into the corresponding
VT1.5 slot. Since the device defaults all 28 of these regis-
ters to the value 00000, all of the 28 VT1.5 slots begin
transmitting unequipped following reset. The value 11111
inserts the test pattern. Addresses 0x17—0x32 correspond
to VT1.5s as shown in Table 17, page 49.
3
DS1INS3_[22:28]
2
DS1INS2_[22:28]
1
DS1INS1_[22:28]
0
DS1INS0_[22:28]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com