Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 1 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 1 Page - Agere Systems

  TMPR28051 Datasheet HTML 1Page - Agere Systems TMPR28051 Datasheet HTML 2Page - Agere Systems TMPR28051 Datasheet HTML 3Page - Agere Systems TMPR28051 Datasheet HTML 4Page - Agere Systems TMPR28051 Datasheet HTML 5Page - Agere Systems TMPR28051 Datasheet HTML 6Page - Agere Systems TMPR28051 Datasheet HTML 7Page - Agere Systems TMPR28051 Datasheet HTML 8Page - Agere Systems TMPR28051 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Advisory
August 5, 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
Device Advisory for Version 5 of the Device
Register Architecture (RA) Map
RA-1. Reset Bit
The software reset bit (bit 0) of register 0x00 is not functional.
RA-2. Transmit Path AIS Insert Bit
The TXPAISINS bit (bit 5) of register 0x01 produces both AIS-P and AIS-L.
RA-3. STS-1 Loss of Pointer Mask Bit
The STS1LOPMSK bit (bit 2) of register 0x04 masks both STS1LOP and STS1LOF.
RA-4. STS-1 Loss of Frame Mask Bit
The STS1LOFMSK bit (bit 1) of register 0x04 is not functional.
RA-5. VTLABCOM and VTRFIRDICOM Interrupt Bits
Occasionally, it might require multiple reads to clear the composite interrupt bits VTLABCOM (bit 2 of
register 0x05) and VTRFIRDICOM (bit 4 of register 0x05).
Error Insertion (EI)
EI-1. DS1/E1 Alarm Indication Signal
The device does not insert DS1/E1 AIS towards the STS-1 if there is an LOC condition in the incoming DS1/E1
signal.
EI-2. LOC Condition in E1 Loopback Mode
In the absence of an input clock, the device detects an LOC condition and generates TU-AIS upstream, even if the
loopback path is selected (the loopback signal is overwritten by TU-AIS).


Similar Part No. - TMPR28051

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPR3911 TOSHIBA-TMPR3911 Datasheet
11Mb / 462P
32-Bit TX System RISC TX39 Family
TMPR3912 TOSHIBA-TMPR3912 Datasheet
11Mb / 462P
32-Bit TX System RISC TX39 Family
TMPR3916 TOSHIBA-TMPR3916 Datasheet
1Mb / 225P
32-Bit TX System RISC TX39 Family TMPR3916
Oct-2002
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
02-Feb-1999
TMPR3927 TOSHIBA-TMPR3927 Datasheet
2Mb / 512P
32-Bit TX System RISC TX39 Family
More results

Similar Description - TMPR28051

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TMUX03155 AGERE-TMUX03155 Datasheet
1Mb / 120P
TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
April 2001
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L31 EXAR-XRT94L31_07 Datasheet
1Mb / 133P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
XRT94L33 EXAR-XRT94L33_06 Datasheet
2Mb / 465P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com