Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 41 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 41 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 37Page - Agere Systems TMPR28051 Datasheet HTML 38Page - Agere Systems TMPR28051 Datasheet HTML 39Page - Agere Systems TMPR28051 Datasheet HTML 40Page - Agere Systems TMPR28051 Datasheet HTML 41Page - Agere Systems TMPR28051 Datasheet HTML 42Page - Agere Systems TMPR28051 Datasheet HTML 43Page - Agere Systems TMPR28051 Datasheet HTML 44Page - Agere Systems TMPR28051 Datasheet HTML 45Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
27
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Map (continued)
Table 14. Device Register Map (continued)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Rx VT Drop Monitoring Registers
6B 01101011
VTSIZEER1
VTLOP1
VTRDI1_1
VTRDI0_1
VTAIS1
VTLAB2_1
VTLAB1_1
VTLAB0_1
6C 01101100
VTSIZEER2
VTLOP2
VTRDI1_2
VTRDI0_2
VTAIS2
VTLAB2_2
VTLAB1_2
VTLAB0_2
6D 01101101
VTSIZEER3
VTLOP3
VTRDI1_3
VTRDI0_3
VTAIS3
VTLAB2_3
VTLAB1_3
VTLAB0_3
6E 01101110
VTSIZEER4
VTLOP4
VTRDI1_4
VTRDI0_4
VTAIS4
VTLAB2_4
VTLAB1_4
VTLAB0_4
6F 01101111
VTSIZEER5
VTLOP5
VTRDI1_5
VTRDI0_5
VTAIS5
VTLAB2_5
VTLAB1_5
VTLAB0_5
70 01110000
VTSIZEER6
VTLOP6
VTRDI1_6
VTRDI0_6
VTAIS6
VTLAB2_6
VTLAB1_6
VTLAB0_6
71 01110001
VTSIZEER7
VTLOP7
VTRDI1_7
VTRDI0_7
VTAIS7
VTLAB2_7
VTLAB1_7
VTLAB0_7
72 01110010
VTSIZEER8
VTLOP8
VTRDI1_8
VTRDI0_8
VTAIS8
VTLAB2_8
VTLAB1_8
VTLAB0_8
73 01110011
VTSIZEER9
VTLOP9
VTRDI1_9
VTRDI0_9
VTAIS9
VTLAB2_9
VTLAB1_9
VTLAB0_9
74 01110100 VTSIZEER10
VTLOP10
VTRDI1_10
VTRDI0_10
VTAIS10
VTLAB2_10
VTLAB1_10
VTLAB0_10
75 01110101 VTSIZEER11
VTLOP11
VTRDI1_11
VTRDI0_11
VTAIS11
VTLAB2_11
VTLAB1_11
VTLAB0_11
76 01110110 VTSIZEER12
VTLOP12
VTRDI1_12
VTRDI0_12
VTAIS12
VTLAB2_12
VTLAB1_12
VTLAB0_12
77 01110111 VTSIZEER13
VTLOP13
VTRDI1_13
VTRDI0_13
VTAIS13
VTLAB2_13
VTLAB1_13
VTLAB0_13
78 01111000 VTSIZEER14
VTLOP14
VTRDI1_14
VTRDI0_14
VTAIS14
VTLAB2_14
VTLAB1_14
VTLAB0_14
79 01111001 VTSIZEER15
VTLOP15
VTRDI1_15
VTRDI0_15
VTAIS15
VTLAB2_15
VTLAB1_15
VTLAB0_15
7A 01111010 VTSIZEER16
VTLOP16
VTRDI1_16
VTRDI0_16
VTAIS16
VTLAB2_16
VTLAB1_16
VTLAB0_16
7B 01111011 VTSIZEER17
VTLOP17
VTRDI1_17
VTRDI0_17
VTAIS17
VTLAB2_17
VTLAB1_17
VTLAB0_17
7C 01111100 VTSIZEER18
VTLOP18
VTRDI1_18
VTRDI0_18
VTAIS18
VTLAB2_18
VTLAB1_18
VTLAB0_18
7D 01111101 VTSIZEER19
VTLOP19
VTRDI1_19
VTRDI0_19
VTAIS19
VTLAB2_19
VTLAB1_19
VTLAB0_19
7E 01111110 VTSIZEER20
VTLOP20
VTRDI1_20
VTRDI0_20
VTAIS20
VTLAB2_20
VTLAB1_20
VTLAB0_20
7F 01111111 VTSIZEER21
VTLOP21
VTRDI1_21
VTRDI0_21
VTAIS21
VTLAB2_21
VTLAB1_21
VTLAB0_21
80 10000000 VTSIZEER22
VTLOP22
VTRDI1_22
VTRDI0_22
VTAIS22
VTLAB2_22
VTLAB1_22
VTLAB0_22
81 10000001 VTSIZEER23
VTLOP23
VTRDI1_23
VTRDI0_23
VTAIS23
VTLAB2_23
VTLAB1_23
VTLAB0_23
82 10000010 VTSIZEER24
VTLOP24
VTRDI1_24
VTRDI0_24
VTAIS24
VTLAB2_24
VTLAB1_24
VTLAB0_24
83 10001000 VTSIZEER25
VTLOP25
VTRDI1_25
VTRDI0_25
VTAIS25
VTLAB2_25
VTLAB1_25
VTLAB0_25
84 10000100 VTSIZEER26
VTLOP26
VTRDI1_26
VTRDI0_26
VTAIS26
VTLAB2_26
VTLAB1_26
VTLAB0_26
85 10000101 VTSIZEER27
VTLOP27
VTRDI1_27
VTRDI0_27
VTAIS27
VTLAB2_27
VTLAB1_27
VTLAB0_27
86 10000110 VTSIZEER28
VTLOP28
VTRDI1_28
VTRDI0_28
VTAIS28
VTLAB2_28
VTLAB1_28
VTLAB0_28
Reserved Register
87 10000111
0
0
0
0
0
0
0
0
Signal Override Control Registers
88 10001000
TVTG-7
TVTG-6
TVTG-5
TVTG-4
TVTG-3
TVTG-2
TVTG-1
TOVERRIDE
89 10001001
RVTG-7
RVTG-6
RVTG-5
RVTG-4
RVTG-3
RVTG-2
RVTG-1
ROVERRIDE
Jitter Attenuator Control Registers
8A 10001010 SCALETHR-7
SCALETHR-6 SCALETHR-5 SCALETHR-4 SCALETHR-3 SCALETHR-2 SCALETHR-1 SCALETHR-0
8B 10001011 DJASCALE-15 DJASCALE-14 DJASCALE-13 DJASCALE-12 DJASCALE-11 DJASCALE-10 DJASCALE-9
DJASCALE-8
8C 10001100 DJASCALE-7
DJASCALE-6
DJASCALE-5 DJASCALE-4
DJASCALE-3
DJASCALE-2 DJASCALE-1 DJASCALE-0
8D 10001101 DJAGTHR-23
DJAGTHR-22 DJAGTHR-21 DJAGTHR-20 DJAGTHR-19 DJAGTHR-18 DJAGTHR-17 DJAGTHR-16
8E 10001110 DJAGTHR-15
DJAGTHR-14 DJAGTHR-13 DJAGTHR-12
DJAGTHR-11
DJAGTHR-10
DJAGTHR-9
DJAGTHR-8
8F 10001111
DJAGTHR-7
DJAGTHR-6
DJAGTHR-5
DJAGTHR-4
DJAGTHR-3
DJAGTHR-2
DJAGTHR-1
DJAGTHR-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com