Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 53 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 53 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 49Page - Agere Systems TMPR28051 Datasheet HTML 50Page - Agere Systems TMPR28051 Datasheet HTML 51Page - Agere Systems TMPR28051 Datasheet HTML 52Page - Agere Systems TMPR28051 Datasheet HTML 53Page - Agere Systems TMPR28051 Datasheet HTML 54Page - Agere Systems TMPR28051 Datasheet HTML 55Page - Agere Systems TMPR28051 Datasheet HTML 56Page - Agere Systems TMPR28051 Datasheet HTML 57Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
39
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Table 15. Registers 0x00—0x16: Device-Level Control, Alarm, and Mask Bits (continued)
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x02
—
—
The bits in register 0x02 are used to set the edges that
retime data into and out of the device.
0x00
7
RXSERIAL
Receive Serial Data, Transmit Serial Data. Both the
RXSERIAL and TXSERIAL bits are used to set the type of
STS-1 data. When either serial bit is written to 1, the STS-1
rail runs in serial mode; otherwise, the STS-1 rail runs in
parallel mode.
6
TXSERIAL
5
RXPARITY
Both the RXPARITY and TXPARITY bits determine the
type of parity for data buses. When these bits are written
with 1, odd parity is used; otherwise, even parity is used.
4
TXPARITY
3
RXSTS1EDGE
When the edge register bits are set to 1, the data is retimed
(either in or out) by the rising clock edge; when set to a
logic 0, the data is retimed by the falling clock edge. Note
that the TSTS1SERIAL data always comes out on the ris-
ing edge of the TSTS1CLKOUT.
Note: The TXSTS1EDGE (bit 2) should always be set to 0
to avoid potential race condition inside the device.
2TXSTS1EDGE
1
RXDS1EDGE
0
TXDS1EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com