| Electronic Components Datasheet Search |
|
TMPR28051 Datasheet(PDF) 19 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
TMPR28051 Datasheet(HTML) 19 Page - Agere Systems |
|
19 / 90 page ![]() Data Sheet August 1999 TMPR28051 STS-1/AU-3 (STM-0) Mapper 5 Lucent Technologies Inc. Description (continued) On the STS-1 side, the device can be configured for either a serial bit stream or an 8-bit parallel bus. This allows the device to drive an OC-1 optical signal directly and also allows for modular growth in terminal or add/drop appli- cations. On the DS1/E1 side, the device is designed to interface with the Lucent T7698FL3/T7693 Quad Line Transceiver, or equivalent, using the internal digital jitter attenuator buffer for PLL-free operation. The TMPR28051 device contains built-in test pattern insertion and drop that allows end-to-end testing for initial setup or maintenance without the need for external test equipment. Built-in loopbacks at both the STS-1 and DS1/ E1 sides provide maximum flexibility for use in a number of SONET/SDH or DS1/E1 products including terminal multiplexers, add/drop multiplexers, and digital cross connects. A high-speed microprocessor interface and full user programmability for VT slot insertion and drop provide maximum flexibility for DS1/E1 I/O configuration. Block Diagram The block diagram is shown in Figure 1. For illustration purposes, only two of the DS1/E1 bidirectional blocks are shown. 5-4875(F).ar.10 Note: “n” represents 28 or 21 for DS1 or E1, respectively. Figure 1. Block Diagram MICROPROCESSOR INTERFACE STS-1/AU-3 TERMINATE DS1/E1 #1 IN ELASTIC STORE SPE INSERTION LOGIC VT GENERATE ELASTIC STORE VT GENERATE DS1/E1 #n IN STS-1/AU-3 GENERATE DS1/E1 #1 OUT SPE DROP LOGIC VT TERMINATE VT TERMINATE DS1/E1 #n OUT STS-1/AU-3 IN INPUT SELECT LOGIC LOOP- SELECT LOGIC INPUT SELECT LOGIC SPE LOCATE DROP SELECT LOGIC LOC AND TEST PATTERN INSERT TEST PATTERN DROP BACK LOOP- SELECT LOGIC BACK DROP SELECT LOGIC LOOP- SELECT LOGIC BACK STS-1/AU-3 OUT AIS MONITOR LOC AND AIS MONITOR JITTER ATTENUATE JITTER ATTENUATE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |