Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 71 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 71 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 67Page - Agere Systems TMPR28051 Datasheet HTML 68Page - Agere Systems TMPR28051 Datasheet HTML 69Page - Agere Systems TMPR28051 Datasheet HTML 70Page - Agere Systems TMPR28051 Datasheet HTML 71Page - Agere Systems TMPR28051 Datasheet HTML 72Page - Agere Systems TMPR28051 Datasheet HTML 73Page - Agere Systems TMPR28051 Datasheet HTML 74Page - Agere Systems TMPR28051 Datasheet HTML 75Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
57
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Detected BIP Errors (0xC0—0xFD)
Table 27. Registers 0xC0—0xFD: Detected BIP Errors
Note: Bits in registers 0xC0—0xFF can have one of four configurations, depending upon the setting of register
0xBF. When register 0xBF is set for BIP_CNTS = 1, the bytes in registers 0xC0—0xFD are used to count the
number of BIP errors detected by the device.
* These registers are not contiguous, i.e., every other register in this group is shown (0xC6, 0xC8, 0xCA, . . . 0xFC) per the register map, page
29 and page 30.
† These registers are not contiguous, i.e., every other register in this group is shown (0xC7, 0xC9, 0xCB, . . . 0xFD) per the register map, page
29 and page 30.
Table 28. Registers 0xFE, 0xFF: Received SONET/SDH Pointer Value
When register 0xBF is set for BIP_CNTS = 1, the bytes in registers 0xFE—0xFF are used to report the received
SONET/SDH pointer value.
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0xC0
7—0
B1BIPCNT-[15:8]
Registers 0xC0—0xC5. The first six registers in the
block, 0xC0—0xC5, are the BIP errors detected by B1,
B2, and B3.
Value is
0.
0xC1
7—0
B1BIPCNT-[7:0]
0xC2
7—0
B2BIPCNT-[15:8]
0xC3
7—0
B2BIPCNT-[7:0]
0xC4
7—0
B3BIPCNT-[15:8]
0xC5
7—0
B3BIPCNT-[7:0]
0xC6—
0xFC*
7VT[1:28]PTR+3
Registers 0xC6—0xFD. The remaining registers in the
block indicate the errors seen by the BIP-2 error detec-
tors in the individual VT1.5 slots.
Since the BIP-2 errors only require 12 bits, the VT pointer
increment counts are also presented in these registers.
The values in all of these counters are latched by the
LATCH_CNT bit in register 0x00. (See the STS-1/AU-3
Terminate section, page 16 and page 17.)
Value is
0.
6VT[1:28]PTR+2
5VT[1:28]PTR+1
4VT[1:28]PTR+0
3
BIP2CNT11_[1:28]
2
BIP2CNT10_[1:28]
1
BIP2CNT9_[1:28]
0
BIP2CNT8_[1:28]
0xC7—
0xFD†
7
BIP2CNT7_[1:28]
6
BIP2CNT6_[1:28]
5
BIP2CNT5_[1:28]
4
BIP2CNT4_[1:28]
3
BIP2CNT3_[1:28]
2
BIP2CNT2_[1:28]
1
BIP2CNT1_[1:28]
0
BIP2CNT0_[1:28]
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0xFE
7—0
SPTR+[7:0]
Register 0xFE. The SPTR+[7:0] bits report the SONET
pointer increment value.
0x00
0xFF
7—0
SPTR–[7:0]
Register 0xFF. The SPTR–[7:0] bits report the SONET
pointer decrement value.
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com