Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 34 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 34 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 30Page - Agere Systems TMPR28051 Datasheet HTML 31Page - Agere Systems TMPR28051 Datasheet HTML 32Page - Agere Systems TMPR28051 Datasheet HTML 33Page - Agere Systems TMPR28051 Datasheet HTML 34Page - Agere Systems TMPR28051 Datasheet HTML 35Page - Agere Systems TMPR28051 Datasheet HTML 36Page - Agere Systems TMPR28051 Datasheet HTML 37Page - Agere Systems TMPR28051 Datasheet HTML 38Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
20
Lucent Technologies Inc.
Microprocessor Interface Description
Overview
The device is equipped with an asynchronous microprocessor interface that allows operation with most commer-
cially available microprocessors. Inputs MPMUX and MPMODE are used to configure this interface into one of four
possible modes. The MPMUX setting selects either a multiplexed 8-bit address/data bus (AD[7:0]), or a demulti-
plexed 8-bit address bus (A[7:0]) and an 8-bit data bus (AD[7:0]). The MPMODE setting selects the associated set
of registers within the device.
The microprocessor interface can operate at speeds up to 33 MHz in interrupt-driven or polled mode without
wait-states. To conform to standards, there are a limited number of default powerup or reset states. All read/write
registers must be written by the microprocessor on system start-up to guarantee proper device functionality.
Microprocessor Configuration Modes
Table 12 highlights the four microprocessor modes controlled by the MPMUX and MPMODE inputs.
Table 12. Microprocessor Configuration Modes
Mode
MPMODE
MPMUX
Address/Data
Bus
Generic Control, Data, and Output Pin Names
Mode 1
0
0
DeMUXed
CS, AS, DS, R/W, A[7:0], AD[7:0], INT, DTACK
Mode 2
0
1
MUXed
CS, AS, DS, R/W, AD[7:0], INT, DTACK
Mode 3
1
0
DeMUXed
CS, ALE, RD, WR, A[7:0], AD[7:0], INT, RDY
Mode 4
1
1
MUXed
CS, ALE, RD, WR, AD[7:0], INT, RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com