Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 74 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 74 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 70Page - Agere Systems TMPR28051 Datasheet HTML 71Page - Agere Systems TMPR28051 Datasheet HTML 72Page - Agere Systems TMPR28051 Datasheet HTML 73Page - Agere Systems TMPR28051 Datasheet HTML 74Page - Agere Systems TMPR28051 Datasheet HTML 75Page - Agere Systems TMPR28051 Datasheet HTML 76Page - Agere Systems TMPR28051 Datasheet HTML 77Page - Agere Systems TMPR28051 Datasheet HTML 78Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
60
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
I/O Timing
The I/O timing specifications for the microprocessor interface are given in Table 33. The microprocessor interface
pins use CMOS I/O levels (see pages 20—22 for pin listings). All outputs, except the address/data bus AD[7:0], are
rated for a capacitive load of 50 pF. The AD[7:0] outputs are rated for a 100 pF load. The minimum read and write
cycle time is 200 ns for all device configurations.
The read and write timing diagrams for all four microprocessor interface modes are shown in Figures 3—10.
Table 33. Microprocessor Interface I/O Timing Specifications
Symbol
Configuration
Parameter
Setup
(ns)
(Min)
Hold
(ns)
(Min)
Delay
(ns)
(Max)
t1
Modes 1 & 2
Address Valid to AS Asserted (Read, Write)
5—
—
t2
AS Asserted to Address Invalid (Read, Write)
—10
—
t3
AS Asserted to DS Asserted
0
—
—
t4
R/W High (Read) to DS Asserted
25
—
—
t5
DS Asserted (Read, Write) to DTACK Asserted
—
—
20
t6
DTACK Asserted to Data Valid (Read)
——
24
t7
DS Asserted (Read) to Data Valid
—
—
44
t8
DS Negated (Read, Write) to AS Negated
—
—
—
t9
DS Negated (Read) to Data Invalid
—
—
15
t10
DS Negated (Read) to DTACK Negated
—
—
15
t11
AS (Read, Write) Asserted Width
—
75
—
t12
DS (Read) Asserted Width
—
35
—
t13
AS Asserted to R/W Low (Write)
7—
—
t14
R/W Low (Write) to DS Asserted
20
—
—
t15
Data Valid to DS Asserted (Write)
7.5
—
—
t16
DS Negated to DTACK Negated (Write)
——
20
t17
DS Negated to Data Invalid (Write)
—7.5
—
t18
DS (Write) Asserted Width
—
35
—
t19
Modes 3 & 4
Address Valid to ALE Asserted Low (Read, Write)
15
—
—
t20
ALE Asserted Low (Read, Write) to Address Invalid
—
10
—
t21
ALE Asserted Low to RD Asserted (Read)
30
—
—
t22
RD Asserted (Read) to Data Valid
—
—
90
t23
RD Asserted (Read) to RDY Asserted
—
—
75
t24
RD Negated to Data Invalid (Read)
——
25
t25
RD Negated to RDY Negated (Read)
——
25
t26
ALE Asserted Low to WR Asserted (Write)
35
—
—
t27
CS Asserted to RDY Asserted Low
—
—
16
t28
Data Valid to WR Asserted (Write)
25
—
—
t29
WR Asserted (Write) to RDY Asserted
—
—
73
t30
WR Negated to RDY Negated (Write)
——
22
t31
WR Negated to Data Invalid
—
25
—
t32
ALE Asserted (Read, Write) Width
—
150
—
t33
RD Asserted (Read) Width
—
100
—
t34
WR Asserted (Write) Width
—
100
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com