Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 63 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 63 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 59Page - Agere Systems TMPR28051 Datasheet HTML 60Page - Agere Systems TMPR28051 Datasheet HTML 61Page - Agere Systems TMPR28051 Datasheet HTML 62Page - Agere Systems TMPR28051 Datasheet HTML 63Page - Agere Systems TMPR28051 Datasheet HTML 64Page - Agere Systems TMPR28051 Datasheet HTML 65Page - Agere Systems TMPR28051 Datasheet HTML 66Page - Agere Systems TMPR28051 Datasheet HTML 67Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Data Sheet
August 1999
TMPR28051 STS-1/AU-3 (STM-0) Mapper
49
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Table 17. DS1/E1 Insertion Selection Format
VT Drop Selection (0x33—0x4E)
Table 18. Registers 0x33—0x4E: VT Drop Selection
5 Programmed DS1/E1INS[4:0]_x Bits
VT1.5 #
VT Group #
VT #
Address
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
1
1
17
0
0001
2
2
1
18
0
0010
3
3
1
19
0
0011
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
26
5
4
30
1
1010
27
6
4
31
1
1011
28
7
4
32
1
1100
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x33—0x4E
7
—
Reserved.
Value is
0.
6
RXESOF[1:28]
The RXESOF[1:28] bits (see VT Drop Selection Registers,
Table 14, page 25) report the receive elastic store overflow
condition. When any of these bits is 1, the corresponding
DS1/E1 output has experienced an elastic store overflow.
This value is latched by these bits until read by the micro-
processor.
5
TXESOF[1:28]
The TXESOF[1:28] bits (see Control, Alarm, and Mask Bit
Registers, Table 14, page 23) report the transmit elastic
store overflow condition. When any of these bits is 1, the
corresponding DS1/E1 input has experienced an elastic
store overflow. This value is latched by these bits until read
by the microprocessor.
4
VTDROP4_[1:28] These bits in registers 0x33—0x4E are used to select the
VT1.5 slot for the DS1/E1 outputs. The VT1.5 selected in
Table 17 corresponds to the decimal value of these pro-
grammed 5 bits. If these bits contain 00000, or 11101—
11111, then the device inserts the following:
00000 = device does not transmit any clock or data
11101 = device inserts a DS1 AIS into the corresponding
DS1/E1 slot
11110 = device inserts a E1 AIS into the corresponding
DS1/E1 slot
11111= device inserts the test pattern
Since the device defaults these bits in all 28 of these regis-
ters to 00000, there will be no clock or data in any of the
28 DS1 or 21 E1 slots after reset. VTDROP[4:0]_[1:28],
bits 00001—11100, correspond to the specific VT1.5
streams as shown in Table , page 50. Address 0x33—
0x4E correspond to VTs as shown in Table 20, also on
page 50.
3
VTDROP3_[1:28]
2
VTDROP2_[1:28]
1
VTDROP1_[1:28]
0
VTDROP0_[1:28]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com