Electronic Components Datasheet Search
  English  ▼

X  

TMPR28051 Datasheet(PDF) 66 Page - Agere Systems

Part # TMPR28051
Description  TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMPR28051 Datasheet(HTML) 66 Page - Agere Systems

Back Button TMPR28051 Datasheet HTML 62Page - Agere Systems TMPR28051 Datasheet HTML 63Page - Agere Systems TMPR28051 Datasheet HTML 64Page - Agere Systems TMPR28051 Datasheet HTML 65Page - Agere Systems TMPR28051 Datasheet HTML 66Page - Agere Systems TMPR28051 Datasheet HTML 67Page - Agere Systems TMPR28051 Datasheet HTML 68Page - Agere Systems TMPR28051 Datasheet HTML 69Page - Agere Systems TMPR28051 Datasheet HTML 70Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
Data Sheet
TMPR28051 STS-1/AU-3 (STM-0) Mapper
August 1999
52
Lucent Technologies Inc.
Microprocessor Interface Description (continued)
Register Architecture Description (continued)
Rx VT Drop Monitoring (0x6B—0x86)
Table 22. Registers 0x6B—0x86: Rx VT Drop Monitoring
Address
(Hex)
Bit #
Name
Function
Reset
Default
(Hex)
0x6B—0x86
—
—
The bits in register 0x6B—0x86 are used to report the VT
slot status.
Value is
0.
7VTSIZEER[1:28]
The VTSIZEER[1:28] bits report incorrect VT size bits
when the value is 1. M = 1 reports an AIS or LOC condition
on DS1/E1. These are current state bits with a minimum
persistence of 500
µs. The indications reset if the condition
is no longer true.
6VTLOP[1:28]
The VTLOP[1:28] bits report VT loss of pointer when the
value is 1. These are current state bits with a minimum per-
sistence of 500
µs. The indications reset if the condition is
no longer true.
5
VTRDI1_[1:28]
The VTRDI[1:0]_[1:28] bits report VT RDI. These are cur-
rent state bits with a minimum persistence of 500
µs. The
indications reset if the condition is no longer true.
4
VTRDI0_[1:28]
3VTAIS[1:28]
Each VTAIS[1:28] bit = 1 reports that the V1 and V2 pointer
bytes are all 1s for three consecutive superframes. These
are current state bits with a minimum persistence of 1500
µs. The indications reset if the condition is no longer true.
2
VTLAB2_[1:28]
The VTLAB[2:0]_[1:28] bits report the received VT labels.
These bits have a minimum persistence of 500
µs.
1
VTLAB1_[1:28]
0
VTLAB0_[1:28]
0x87
7—0
—
Reserved.
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com