Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 71 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 71 Page - ams AG

Back Button AS3911B Datasheet HTML 67Page - ams AG AS3911B Datasheet HTML 68Page - ams AG AS3911B Datasheet HTML 69Page - ams AG AS3911B Datasheet HTML 70Page - ams AG AS3911B Datasheet HTML 71Page - ams AG AS3911B Datasheet HTML 72Page - ams AG AS3911B Datasheet HTML 73Page - ams AG AS3911B Datasheet HTML 74Page - ams AG AS3911B Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 71
Appl icatio n I n f o rm a t i o n
Figure 50:
Bit Rate Coding
Note(s) and/or Footnote(s):
1. In case a bit rate which is not supported is selected, the Tx/Rx operation is disabled.
ISO14443A and NFC 106kb/s Settings Register
Figure 51:
ISO14443A and NFC 106kb/s Settings Register
Bit Rate Coding
rate3
rate2
rate1
rate0
Bit rate [kbit/s]
Comment
0
0
0
0
fc/128 (~106)
0
0
0
1
fc/64 (~212)
0
0
1
0
fc/32 (~424)
0
0
1
1
fc/16 (~848)
0
1
0
0
fc/8 (~1695)
VHBR Tx is supported only for ISO14443B
mode
VHBR Rx is supported only for fc/8 and fc/4
0
1
0
1
fc/4 (~3390)
0
1
1
0
fc/2 (~6780)
Other combinations
Not used
Address 05h: ISO14443A and NFC 106kb/s
Settings Register
Type: RW
Bit
Name
Default
Function
Comments
7
no_tx_par
0
1: No parity bit is
generated during Tx
Data stream is taken from FIFO, transmit has to be
done using command Transmit Without CRC
6
no_rx_par
0
1: Receive without
parity and CRC
When set to 1 received bit stream is put in the
FIFO, no parity and CRC detection is done
5nfc_f0
0
1: Support of NFCIP-1
Transport Frame format
Add SB (F0) and LEN bytes during Tx and skip SB
(F0) byte during Rx in NFC Active communication
mode
4p_len3
0
Refer to ISO14443A
Modulation Pulse
Width
Modulation pulse width; defined in number of
13.56 MHz clock periods.
3p_len2
0
2p_len1
0
1p_len0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com