Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 42 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 42 Page - ams AG

Back Button AS3911B Datasheet HTML 38Page - ams AG AS3911B Datasheet HTML 39Page - ams AG AS3911B Datasheet HTML 40Page - ams AG AS3911B Datasheet HTML 41Page - ams AG AS3911B Datasheet HTML 42Page - ams AG AS3911B Datasheet HTML 43Page - ams AG AS3911B Datasheet HTML 44Page - ams AG AS3911B Datasheet HTML 45Page - ams AG AS3911B Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 155 page
background image
AS3911B – 42
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Reading of Data from Addressable Registers (Read
Mode)
After the SPI operation mode bits the address of register to be
read has to be provided from the MSB to the LSB. Then one or
more data bytes are transferred to MISO output, always from
the MSB to the LSB. As in case of the write mode also the read
mode supports auto-incrementing address.
MOSI is sampled at the falling edge of SCLK (like shown in the
following diagrams), data to be read from the AS3911B internal
register is driven to MISO pin on rising edge of SCLK and is
sampled by the master at the falling edge of SCLK.
In case the register on defined address does not exist all 0 data
is sent to MISO.
Figure 26 provides an example for reading of single byte.
Figure 26:
SPI Communication: Reading of Single Byte
Loading Transmitting Data into FIFO
Loading the transmitting data into the FIFO is similar to writing
data into an addressable registers. Difference is that in case of
loading more bytes all bytes go to the FIFO. SPI operation mode
bits 10 indicate FIFO operations. In case of loading transmitting
data into FIFO all bits <C5 – C0> are set to 0. Then a bit-stream,
the data to be sent (1 to 96 bytes), can be transferred. In case
the command is terminated by putting /SS high before a packet
of 8 bits composing one byte is sent, writing of that particular
byte in FIFO is not performed.
Figure 27 shows how to load the Transmitting Data into the
FIFO.
01
A
5
A
4
A
3
A
2
A
1
A
0
X
X
SC LK risin g
ed ge D a ta is
mo ved from
A ddress
<A 5 -A 0 >
/S S risin g e dg e
signals end of R E A D
Mod e
T w o lea din g
bits ind ica te
Mo de
D
4
D
3
D
2
D
1
D
0
D
7
D
6
trista te
trista te
SC L K rising
edge D ata is
tran sfered
from µ C
S C L K fa lling
edge D ata is
sa m ple d
S C LK fallin g ed ge
D ata is tran sfe re d
to µ C
D
5
/S S
SC L K
MO S I
MIS O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com