Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 8 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 8 Page - ams AG

Back Button AS3911B Datasheet HTML 4Page - ams AG AS3911B Datasheet HTML 5Page - ams AG AS3911B Datasheet HTML 6Page - ams AG AS3911B Datasheet HTML 7Page - ams AG AS3911B Datasheet HTML 8Page - ams AG AS3911B Datasheet HTML 9Page - ams AG AS3911B Datasheet HTML 10Page - ams AG AS3911B Datasheet HTML 11Page - ams AG AS3911B Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 155 page
background image
AS3911B – 8
ams Datasheet: 2014-Jun-12 [v1-08]
E l ec t r i c al C h a r ac teri sti c s
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Operating Conditions
All defined tolerances for external components in this
specification need to be assured over the whole operation
condition range and also over lifetime.
Figure 6:
Operating Conditions
DC/AC Characteristics for Digital Inputs and
Outputs
CMOS Inputs:
Valid for input pins /SS, MOSI, and SCLK
Figure 7:
CMOS Inputs
Symbol
Parameter
Min
Max
Unit
Comments
VDD
Positive supply voltage
2.4
5.5
V
In case power supply is
lower than 2.6 V, PSSR
cannot be improved using
internal regulators
(minimum regulated
voltage is 2.4 V)
VDD_IO
Peripheral
communication supply
voltage
1.65
5.5
V
VSS
Negative supply voltage
0
0
V
TJUN
Junction temperature
-40
125
°C
VRFI_A
RFI input amplitude
150 m
3
Vpp
Minimum RFI input signal
definition is meant for NFC
receive mode. In HF reader
mode and NFC transmit
mode, the recommended
signal level is 2.5 Vpp
Symbol
Parameter
Min
Max
Unit
VIH
High level input voltage
0.7 * VDD_IO
VDD_IO
V
VIL
Low level input voltage
VSS
0.3 * VDD_IO
V
ILEAK
Input leakage current
-1
1
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com