Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 47 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 47 Page - ams AG

Back Button AS3911B Datasheet HTML 43Page - ams AG AS3911B Datasheet HTML 44Page - ams AG AS3911B Datasheet HTML 45Page - ams AG AS3911B Datasheet HTML 46Page - ams AG AS3911B Datasheet HTML 47Page - ams AG AS3911B Datasheet HTML 48Page - ams AG AS3911B Datasheet HTML 49Page - ams AG AS3911B Datasheet HTML 50Page - ams AG AS3911B Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 47
Appl icatio n I n f o rm a t i o n
Figure 34:
IRQ Output
FIFO Water Level and FIFO Status Registers
The AS3911B contains a 96 byte FIFO. In case of transmitting
the Control logic shifts the data, which was previously loaded
by the external microcontroller to the Framing Block and
further to the Transmitter. During reception, the demodulated
data is stored in the FIFO and the external microcontroller can
download received data once reception was terminated.
Transmit and receive capabilities of the AS3911B are not limited
by the FIFO size due to a FIFO water level interrupt system.
During transmission an interrupt is sent (IRQ due to FIFO water
level in the Main Interrupt Register) when the content of data
in the FIFO passes from (water level + 1) to water level and the
complete transmit frame has not been loaded in the FIFO yet.
The external microcontroller can now add more data in the FIFO.
The same stands for the reception: when the number of
received bytes passes from (water level - 1) to water level an
interrupt is sent to inform the external controller that data has
to be downloaded from FIFO in order not to lose receive data
due to FIFO overflow.
During transmission water level IRQ is additionally set in case
all transmission bytes have not been written in FIFO yet and if
number of bytes written into FIFIO is lower than water level. In
this case an IRQ is sent when number of bytes in FIFO drops
below 4.
It is important to note that FIFO IRQ is not produced while SPI
is active in FIFO load or read mode. Due to this the FIFO
loading/reading rate has to be higher than Tx/Rx bit rate, once
FIFO loading/reading is finished the /SS pin has to be pulled to
VDD (logic remains in FIFO load/read mode as long as /SS
remains low).
In case controller knows that the receive data frame is smaller
than the FIFO size the water level interrupt does not have to be
served. In such case the water level interrupt can be masked.
The external controller has to serve the FIFO faster than data is
transmitted or received. Using SCLK frequency which is at least
double than the actual receive or transmit bit rate is
recommended.
There are two settings of the FIFO water level available for
receive and transmit in the IO Configuration Register 1.
After data reception is terminated the external microcontroller
needs to know how much data is still stored in the FIFO: This
information is available in the FIFO Status Register 1 and FIFO
Status Register 2 which displays number of bytes in the FIFO
Name
Signal
Signal Level
Description
IRQ
Digital output
CMOS
Interrupt output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com