Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 51 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 51 Page - ams AG

Back Button AS3911B Datasheet HTML 47Page - ams AG AS3911B Datasheet HTML 48Page - ams AG AS3911B Datasheet HTML 49Page - ams AG AS3911B Datasheet HTML 50Page - ams AG AS3911B Datasheet HTML 51Page - ams AG AS3911B Datasheet HTML 52Page - ams AG AS3911B Datasheet HTML 53Page - ams AG AS3911B Datasheet HTML 54Page - ams AG AS3911B Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 51
Appl icatio n I n f o rm a t i o n
Note(s) and/or Footnote(s):
1. The ‘Operation Mode’ column in the above table defines which Operation Control Register bits have to be set in order to accept a
particular command.
2. After termination of this command I_cat or I_cac IRQ is sent.
3. Was AD Convert in the AS3910.
4. Called Clear Squelch in the AS3910.
5. This command is not accepted in case the external definition of the regulated voltage is selected in the Regulator Voltage Control
Register (bit reg_s is set to high).
6. Accepted in all modes in case cs_mcal=0 (Capacitive Sensor Control Register), it is recommended to execute this command in
Power-down mode.
7. Accepted in all modes, it is recommended to execute this command in Power-down mode.
8. Accepted only in the Initial NFC Active Target Communication Mode.
9. Called Check Antenna Resonance in the AS3910.
10. Called Measure RF in the AS3910.
DE
Measure
Capacitance
Performs Capacitor Sensor
Measurement
No
Yes
see note (7)
DF
Measure Power
Supply
No
Yes
en
E0
Start General
Purpose Timer
Yes
No
en
E1
Start Wake-up
Timer
Yes
No
all except wu
E2
Start Mask-receive
Timer
Yes
No
see note (8)
E3
Start No-response
Timer
Yes
No
en, rx_en
FC
Test Access
Enable /W to test registers
Yes
No
all
Other Fx
Reserved for test
Other codes
Not used
Command
Code
(hex)
Command
Comments
Command
Chaining
Interrupt
after
Termination
Operation
Mode (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com