Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 73 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 73 Page - ams AG

Back Button AS3911B Datasheet HTML 69Page - ams AG AS3911B Datasheet HTML 70Page - ams AG AS3911B Datasheet HTML 71Page - ams AG AS3911B Datasheet HTML 72Page - ams AG AS3911B Datasheet HTML 73Page - ams AG AS3911B Datasheet HTML 74Page - ams AG AS3911B Datasheet HTML 75Page - ams AG AS3911B Datasheet HTML 76Page - ams AG AS3911B Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 73
Appl icatio n I n f o rm a t i o n
ISO14443B Settings Register 1
Figure 53:
ISO14443B Settings Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
2. Start/stop bit omission for Tx can be implemented by using Stream mode.
Address 06h: ISO14443B Settings Register 1
Type: RW
Bit
Name
Default
Function
Comments
7egt2
0
egt2
egt1
egt0
Number
of EGT
EGT time defined in number of
etu
00
0
0
6egt1
0
00
1
1
.
.
.
.
.
.
.
.
5egt0
0
11
0
6
11
1
6
4
sof_0
0
0
→ 10 etu, 1 → 11 etu
SOF, number of etu with logic 0
(10 or 11)
3
sof_1
0
0
→ 2 etu, 1 → 3 etu
SOF, number of etu with logic 1
(2 or 3)
2eof
0
0
→ 10 etu, 1 → 11 etu
EOF, number of etu with logic 0
(10 or 11)
1half
1: SOF 10.5, 2.5, EOF: 10.5
Sets SOF and EOF settings in
middle of specification
0
rx_st_om
1: Start/stop bit omission for Rx
SOF= fixed to 10 low - 2 high,
EOF not defined, put in FIFO
last full byte (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com