Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 17 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 17 Page - ams AG

Back Button AS3911B Datasheet HTML 13Page - ams AG AS3911B Datasheet HTML 14Page - ams AG AS3911B Datasheet HTML 15Page - ams AG AS3911B Datasheet HTML 16Page - ams AG AS3911B Datasheet HTML 17Page - ams AG AS3911B Datasheet HTML 18Page - ams AG AS3911B Datasheet HTML 19Page - ams AG AS3911B Datasheet HTML 20Page - ams AG AS3911B Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 17
Appl icatio n I n f o rm a t i o n
(non-modulated) level. It is also possible to switch off certain
segments when driving the non-modulated level to reduce the
amplitude of signal on the antenna and/or to reduce the
antenna Q factor without making any hardware changes. The
RFO Normal Level Definition Register defines which segments
are turned on to define the normal transmission
(non-modulated) level. Default setting is that all segments are
turned on.
Using the single driver mode the number and therefore the cost
of the antenna LC tank components is halved, but also the
output power is reduced. In single mode it possible to connect
two antenna LC tanks to the two RFO outputs and multiplex
between them by controlling the IO Configuration Register 1
bit rfo2.
In order to transmit the data the transmitter output level needs
to be modulated. The AM and OOK modulation are supported.
The type of modulation is defined by setting the bit tr_am in
the Auxiliary Definition Register. For the operation modes
supported by the AS3911B framing the setting of modulation
type is done automatically by sending direct command Analog
Preset.
During the OOK modulation (for example ISO14443A) the
Transmitter drivers stop driving the carrier frequency; drivers
are frozen in state before the modulation. As consequence the
amplitude of the antenna LC tank oscillation decays, the time
constant of the decay is defined with the LC tank Q factor. The
decay time in case of OOK modulation can be shortened by
asserting the Auxiliary Definition Register bit ook_hr. When this
bit is set to logic one the drivers are put in tristate during the
OOK modulation.
AM modulation (for example ISO14443B) is done by increasing
the output driver impedance during the modulation time. This
is done by reducing the number of driver segments which are
turned on. The AM modulated level can be automatically
adjusted to the target modulation depth by defining the target
modulation depth in the AM Modulation Depth Control
Register and sending the Calibrate Modulation Depth direct
command. Please refer to AM Modulation Depth: Definition and
Calibration for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com