Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 15 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 15 Page - ams AG

Back Button AS3911B Datasheet HTML 11Page - ams AG AS3911B Datasheet HTML 12Page - ams AG AS3911B Datasheet HTML 13Page - ams AG AS3911B Datasheet HTML 14Page - ams AG AS3911B Datasheet HTML 15Page - ams AG AS3911B Datasheet HTML 16Page - ams AG AS3911B Datasheet HTML 17Page - ams AG AS3911B Datasheet HTML 18Page - ams AG AS3911B Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 15
Detaile d Desc rip t ion
digital blocks, there is also a separate one for the antenna
drivers. In case of low cost applications some (or all) regulators
may not be used to save on external components.
This block additionally generates a reference voltage for the
analog processing (AGD - analog ground). This voltage also has
an associated external buffer capacitor.
POR and Bias
This block contains the bias current and voltage generator
which provides bias currents and reference voltages to all other
blocks. It also incorporates a Power on Reset (POR) circuit which
provides a reset at power-up and at low supply levels.
RC Oscillator and Wake-up Timer
The AS3911B includes several possibilities of low power
detection of a card presence (capacitive sensor, phase
measurement, amplitude measurement). RC oscillator and
register configurable Wake-up timer are used to schedule
periodic detection. When presence of a card is detected an
interrupt is sent to controller.
ISO14443 and NFCIP-1 Framing
This block performs framing for receive and transmit according
to the selected ISO mode and bit rate settings.
In reception it takes demodulated sub-carrier signal from
Receiver. It recognizes the SOF, EOF and data bits, performs
parity and CRC check, organizes the received data in bytes and
places them in the FIFO.
During transmit, it operates inversely, it takes bytes from FIFO,
generates parity and CRC bits, adds SOF and EOF and performs
final encoding before passing modulation signal to transmitter.
In Transparent mode, the framing and FIFO are bypassed, the
digitized sub-carrier signal, which is Receiver output, is directly
sent to MISO pin, signal applied to MOSI pin is directly used to
modulate the transmitter.
FIFO
The AS3911B contains a 96 byte FIFO. Depending on the mode,
it contains either data which has been received or data which
is to be transmitted.
Control Logic
The control logic contains I/O registers which define operation
of device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com