Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 31 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 31 Page - ams AG

Back Button AS3911B Datasheet HTML 27Page - ams AG AS3911B Datasheet HTML 28Page - ams AG AS3911B Datasheet HTML 29Page - ams AG AS3911B Datasheet HTML 30Page - ams AG AS3911B Datasheet HTML 31Page - ams AG AS3911B Datasheet HTML 32Page - ams AG AS3911B Datasheet HTML 33Page - ams AG AS3911B Datasheet HTML 34Page - ams AG AS3911B Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 31
Appl icatio n I n f o rm a t i o n
at the moment of timeout a tag reply is being processed
no other action is taken, in the opposite case, when no tag
response is being processed additionally the signal rx_on
is forced to low to stop receive process.
The No-response Timer can also be started using direct
command Start No-response Timer. The intention of this
command is to extend the No-response timer timeout beyond
the range defined in the No-response Timer control registers.
In case this command is sent while the timer is running, it is
reset and restarted.
In the NFCIP-1 active communication mode the No-response
Timer is automatically started when the transmitter is turned
off after the message has been sent. In case this timer expires
before the peer NFC device (a device with which
communication is going on) switches on its field an interrupt is
sent.
In all modes, where timer is set to nonzero value, it is a must that
M_txe is not set and interrupt I_txe is read via SPI for
synchronization between transmitter and timer.
General Purpose Timer
The triggering of the General Purpose Timer is configured by
setting the General Purpose and No-response Timer Control
Register. It can be used to survey the duration of reception
process (triggering by start of reception, after SOF) or to time
out the PCD to PICC response time (triggered by end of
reception, after EOF). In the NFCIP-1 active communication
mode it is used to timeout the field switching off. In all cases an
IRQ is sent when it expires.
The General Purpose Timer can also be started by sending the
direct command Start General Purpose Timer. In case this
command is sent while the timer is running, it is reset and
restarted.
Wake-up Timer
Wake timer is primarily used in the Wake-up mode (see 27).
Additionally it can be used by sending a direct command Start
Wake-up Timer. This command is accepted in any operation
mode except Wake-up mode. When this command is send the
RC oscillator, which is used as clock source for wake-up timer is
started, timeout is defined by setting in the Wake-up Timer
Control Register. When the timer expires, an IRQ with the I_wt
flag in the Error and Wake-up Interrupt Register is sent.
Wake-up timer is useful in the Low Power operation mode, in
which other timers cannot be used (in the Low Power operation
mode the crystal oscillator, which is clock source for the other
timers, is not running). Please note that the tolerance of
wake-up timer timeout is defined by tolerance of the RC
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com