Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 88 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 88 Page - ams AG

Back Button AS3911B Datasheet HTML 84Page - ams AG AS3911B Datasheet HTML 85Page - ams AG AS3911B Datasheet HTML 86Page - ams AG AS3911B Datasheet HTML 87Page - ams AG AS3911B Datasheet HTML 88Page - ams AG AS3911B Datasheet HTML 89Page - ams AG AS3911B Datasheet HTML 90Page - ams AG AS3911B Datasheet HTML 91Page - ams AG AS3911B Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 155 page
background image
AS3911B – 88
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Main Interrupt Register
Figure 74:
Main Interrupt Register
Note(s) and/or Footnote(s):
1. At power-up and after Set Default command, content of this register is set to 0.
2. After Main Interrupt Register has been read, its content is set to 0, except for bits 1 and 0, which are set to 0 after corresponding
interrupt register is read.
Address 17h: Main Interrupt Register
Type: R
Bit
Name
Default
Function
Comments
7I_osc
IRQ when oscillator frequency is
stable
Set after oscillator is started
by setting Operation Control
Register bit en.
6
I_wl
IRQ due to FIFO water level
Set during receive, informing
that FIFO is almost full and
has to be read out.
Set during transmit,
informing that FIFO is almost
empty and that additional
data has to be sent.
5
I_rxs
IRQ due to start of receive
4
I_rxe
IRQ due to end of receive
3
I_txe
IRQ due to end of transmission
2
I_col
IRQ due to bit collision
1
I_tim
IRQ due to timer or NFC event
Details are in Timer and NFC
Interrupt Register
0I_err
IRQ due to error and wake-up
timer
Details are in Error and
Wake-up Interrupt Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com