Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 94 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 94 Page - ams AG

Back Button AS3911B Datasheet HTML 90Page - ams AG AS3911B Datasheet HTML 91Page - ams AG AS3911B Datasheet HTML 92Page - ams AG AS3911B Datasheet HTML 93Page - ams AG AS3911B Datasheet HTML 94Page - ams AG AS3911B Datasheet HTML 95Page - ams AG AS3911B Datasheet HTML 96Page - ams AG AS3911B Datasheet HTML 97Page - ams AG AS3911B Datasheet HTML 98Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 155 page
background image
AS3911B – 94
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Number of Transmitted Bytes Register 1
Figure 80:
Number of Transmitted Bytes Register 1
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
Number of Transmitted Bytes Register 2
Figure 81:
Number of Transmitted Bytes Register 2
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
2. If anctl bit is set while card is in idle state and nbtx is not 000, then i_par will be triggered during WUPA direct command is issued.
Address 1Dh: Number of Transmitted Bytes Register 1
Type: RW
Bit
Name
Default
Function
Comments
7ntx12
0
Number of full bytes to be
transmitted in one command,
MSB bits
Maximum supported number
of bytes is 8191
6ntx11
0
5ntx10
0
4ntx9
0
3ntx8
0
2ntx7
0
1ntx6
0
0ntx5
0
Address 1Eh: Number of Transmitted Bytes 2
Type: RW
Bit
Name
Default
Function
Comments
7ntx4
0
Number of full bytes to be
transmitted in one command,
MSB bits
Maximum supported number
of bytes is 8191
6ntx3
0
5ntx2
0
4ntx1
0
3ntx0
0
2nbtx2
Number of bits in the split byte
000 means that there is no split
byte (all bytes all complete)
Applicable for ISO14443A:
• Bit oriented anticollision
frame in case last byte is
split byte
• Tx is done without parity
bit generation
1nbtx1
0nbtx0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com