Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 4 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 4 Page - ams AG

  AS3911B Datasheet HTML 1Page - ams AG AS3911B Datasheet HTML 2Page - ams AG AS3911B Datasheet HTML 3Page - ams AG AS3911B Datasheet HTML 4Page - ams AG AS3911B Datasheet HTML 5Page - ams AG AS3911B Datasheet HTML 6Page - ams AG AS3911B Datasheet HTML 7Page - ams AG AS3911B Datasheet HTML 8Page - ams AG AS3911B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 155 page
background image
AS3911B – 4
ams Datasheet: 2014-Jun-12 [v1-08]
P i n A ssig n me n t
The AS3911B pin assignments are described below.
Figure 3:
Pin Diagram
Figure 4:
Pin Description
AS3911B Pin Assignment: This figure
shows the pin assignment and location
viewed from top.
Pin Number
Pin Name
Pin Type
Description
32-pin QFN
1
VDD_IO
Supply pad
Positive supply for peripheral communication
2
CSO
Analog
output
Capacitor sensor output
3
VSP_D
Digital supply regulator output
4
XTO
Xtal oscillator output
5XTI
Analog input
/ Digital input
Xtal oscillator input
6
VSN_D
Supply pad
Digital ground
7VSP_A
Analog
output
Analog supply regulator output
8
VDD
Supply pad
External positive supply
Pin Assignment
AS3911B
Exposed Pad
9
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
24
23
22
21
20
19
18
17
AGD
RFI2
RFI1
VSS
TRIM2_0
TRIM1_0
TRIM2_1
TRIM1_1
1
2
3
4
5
6
7
8
VDD_IO
VSP_D
CSO
XTO
XTI
VSN_D
VSP_A
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More