Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 52 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 52 Page - ams AG

Back Button AS3911B Datasheet HTML 48Page - ams AG AS3911B Datasheet HTML 49Page - ams AG AS3911B Datasheet HTML 50Page - ams AG AS3911B Datasheet HTML 51Page - ams AG AS3911B Datasheet HTML 52Page - ams AG AS3911B Datasheet HTML 53Page - ams AG AS3911B Datasheet HTML 54Page - ams AG AS3911B Datasheet HTML 55Page - ams AG AS3911B Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
AS3911B – 52
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Set Default
This direct command puts the AS3911B in the same state as
power-up initialization. All registers are initialized to the default
state. The only exception are IO Configuration Register 1, IO
Configuration Register 2 and Operation Control Register which
are not affected by Set Default command and are only set to
default state at power-up. Please note that results of different
calibration and adjust commands are also lost.
This direct command is accepted in all operating modes. In case
this command is sent while en (bit 7 of the Operation Control
Register) is not set FIFO and FIFO Status Registers are not
cleared.
Direct command chaining is not allowed since this command
clears all registers.
IRQ due to termination of direct command is not produced.
Clear
This direct command stops all current activities (transmission
or reception), clears FIFO, clears FIFO Status Registers and stops
all timers except Wake-up timer (in case bit nrt_emv in the
General Purpose and No-response Timer Control Register is set
to one, the No-response timer is not stopped). It also clears
collision and interrupt registers. This command has to be sent
first in a sequence preparing a transmission before writing data
to be transmitted in FIFO (except in case of direct commands
Transmit REQA and Transmit WUPA).
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Transmit Commands
All Transmit commands (Transmit With CRC, Transmit Without
CRC, Transmit REQA and Transmit WUPA) are only accepted in
case the Transmitter is enabled (bit tx_en is set).
Before sending commands Transmit With CRC and Transmit
Without CRC direct command Clear has to be sent, followed by
definition of number of transmitted bytes and writing data to
be transmitted in FIFO.
Direct commands Transmit REQA and Transmit WUPA are used
to transmit ISO14443A commands REQA and WUPA
respectively. Sending command Clear before these two
commands is not necessary.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com