Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 27 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 27 Page - ams AG

Back Button AS3911B Datasheet HTML 23Page - ams AG AS3911B Datasheet HTML 24Page - ams AG AS3911B Datasheet HTML 25Page - ams AG AS3911B Datasheet HTML 26Page - ams AG AS3911B Datasheet HTML 27Page - ams AG AS3911B Datasheet HTML 28Page - ams AG AS3911B Datasheet HTML 29Page - ams AG AS3911B Datasheet HTML 30Page - ams AG AS3911B Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 27
Appl icatio n I n f o rm a t i o n
Wake-up Mode
Asserting the Operation Control Register bit wu while the other
bits are set to 0 puts the AS3911B into the Wake-up mode
which is used to perform low power detection of card presence.
The AS3911B includes several possibilities of low power
detection of a card presence (capacitive sensor, phase
measurement, amplitude measurement). Low power 32 kHz RC
oscillator and register configurable Wake-up timer are used to
schedule periodic detection.
Usually the presence of a card is detected by so called polling.
In this process the reader is periodically turned on and the
controller activates the protocol to check whether a card is
present. Such procedure consumes a lot of energy since reader
field has to be turned on for 5 ms before a command can be
issued.
Low power detection of card presence is performed by
detecting a change in reader environment, which is produced
by presence of a card. When a change is detected, an interrupt
is sent to the controller. As a result, the controller can activate
the protocol for tag detection.
In the Wake-up mode the AS3911B periodically performs the
configured measurements and sends an IRQ to the controller,
which is in deep sleep to minimize the current consumption,
only when a difference to the build in reference is detected.
Detection of card presence can be done by performing phase,
amplitude and capacitive sensor measurements.
Presence of a card close to the reader antenna coil produces
due to the magnetic coupling of the two coils a change of the
antenna LC tank signal phase and amplitude. The reader field
activation time needed to perform the phase or the amplitude
measurement is extremely short (~20 μs) comparing to the
activation time needed to send a protocol activation command.
Additionally the power level during the measurement can be
lower than the power level during normal operation since the
card does not have to be powered to produce the coupling
effect. The emitted power can be reduced by increasing the RFO
Normal Level Definition Register.
Capacitance Sensor detects a change of the parasite
capacitance between the two excitation electrodes which is
caused by a card antenna and a hand holding it. See “Capacitive
Sensor” on page 14 for a detailed information on the capacitive
sensor.
The registries on locations from 31h to 3Dh are dedicated to
Wake-up configuration and display. The Wake-up Timer Control
Register is the main Wake-up mode configuration register. The
timeout period between the successive detections and the
measurements which are going to be used are selected in this
register. Timeouts in the range from 10 ms to 800 ms are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com