Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 24 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 24 Page - ams AG

Back Button AS3911B Datasheet HTML 20Page - ams AG AS3911B Datasheet HTML 21Page - ams AG AS3911B Datasheet HTML 22Page - ams AG AS3911B Datasheet HTML 23Page - ams AG AS3911B Datasheet HTML 24Page - ams AG AS3911B Datasheet HTML 25Page - ams AG AS3911B Datasheet HTML 26Page - ams AG AS3911B Datasheet HTML 27Page - ams AG AS3911B Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 155 page
background image
AS3911B – 24
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
When AGC is switched on receiver gain is reduced so that the
input to digitizer stage is not saturated. The AGC system
comprises a window comparator which has its window 3.5 times
larger than window of digitalization window comparator. When
the AGC function is enabled gain is reduced until there are no
transitions on its output. Such procedure assures that the input
to digitalization window comparator is less than 3.5 times larger
than its window.
AGC operation is controlled by the control bits agc_en, agc_m
and agc_fast in the Receiver Configuration Register 2. Bit
agc_en enables the AGC operation; bit agc_m defines the AGC
mode while bit agc_alg define the AGC algorithm.
Two AGC modes are available, AGC can operate during
complete Rx process (as long as signal rx_on is high) or it can
be enabled only during first eight sub-carrier pulses.
Two AGC algorithms are available; AGC can either start by
presetting of code 4h (max digitizer window, max gain) or by
resetting the code to 0h (min digitizer window, max gain).
Algorithm with preset code is faster, therefore it is
recommended for protocols with short SOF (like ISO14443A
fc/128).
Default AGC settings are: AGC is enabled, AGC operates during
complete Rx process, algorithm with preset is used.
RSSI
The receiver also performs the RSSI (Received Signal Strength
Indicator) measurement of both channels. RSSI measurement
is started after rising edge of rx_on. It stays active while signal
rx_on is high; while rx_on is low it is frozen. It is a peak hold
system; the value can only increase from initial zero value. Every
time the AGC reduces the gain the RSSI measurement is reset
and starts from zero. Result of RSSI measurements is 4-bit value
which can be observed by reading the RSSI Display Register.
The LSB step is 2.8 dB, the maximum code is Dh (13d).
Since the RSSI measurement is of peak hold type the RSSI
measurement result does not follow any variations in the signal
strength (the highest value will be kept). In order to follow RSSI
variation it is possible to reset RSSI bits and restart the
measurement by sending direct command Clear RSSI.
Receiver in NFCIP-1 Active Communication Mode
There are several features built in receiver to enable reliable
reception of active NFCIP-1 communication. All these settings
are automatically preset by sending direct command Analog
Preset after the NFCIP-1 mode has been configured. In addition
to filtering options there are two NFC specific configuration bits
stored in the Receiver Configuration Register 3.
Bit lim enables clipping circuits which are positioned after first
and second gain stages. The intention of clipping circuits is to
limit the signal level for the following filtering stage (in case the
NFC peer is close the input signal level can be quite high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com